STD12Y-R
AI

The **STD12Y-R** is a specific part number belonging to a series of **pre-printed cable markers** manufactured primarily by **TE Connectivity (Raychem)**. These are used in industrial, electrical, and telecommunications sectors for wire identification.
---
## 1. Technical Specifications
The part number follows a specific coding system that defines its physical and functional characteristics.
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Snap-On / Slide-On Wire Marker |
| **Series** | STD (Standard) |
| **Size Code** | 12 (Fits specific wire diameters) |
| **Color** | Yellow (Industry standard for identification) |
| **Marking** | Letter "R" |
| **Material** | Polyoxymethylene (POM) / Polyacetal |
| **Temperature Range** | -40°C to +106°C |
---
## 2. Key Components and Design
### A. The Chevron Cut
The "STD" series features a **Chevron-cut** design. This means the ends of the markers are interlocking. When multiple markers are placed together (e.g., to spell a code), they lock into one another, ensuring the text remains aligned and does not rotate independently.
### B. Material Properties
The use of **Polyacetal (POM)** provides several electronic and mechanical benefits:
* **High Rigidity:** Clips onto the wire firmly without deforming over time.
* **Chemical Resistance:** Resistant to oils, cleaning agents, and fuels common in electronic enclosures.
* **Non-Conductive:** Acts as an insulator, ensuring no electrical interference or shorting if it touches exposed terminals.
### C. Application Range (Size 12)
The "12" in the part number indicates the wire diameter compatibility. Generally, Size 12 markers are designed for:
* **Wire Diameter:** Approximately 4.5mm to 6.0mm.
* **Typical Wire Gauge:** Fits larger signal wires or power cables (around 10-6 AWG depending on insulation thickness).
---
## 3. Usage in Electronic Systems
In complex electronic assemblies, the STD12Y-R is used for:
1. **Troubleshooting:** Quickly identifying the "R" phase or a specific "Reset" signal line in a control panel.
2. **Organization:** Managing high-density wiring in server racks or industrial PLCs.
3. **Standardization:** Following color-coding standards where yellow markers indicate specific signal types or voltage levels.
---
## 4. Part Number Breakdown
```text
STD 12 Y - R
| | | |
| | | +-- Legend (The letter printed: "R")
| | +-------- Color Code (Y = Yellow)
| +----------- Size (12 = 4.5mm to 6.0mm range)
+---------------- Series (Standard Cable Marker)
```
- ⤷
What are the alternative sizes available for the STD series?
- ⤷ Are there specific tools required for installing STD12 markers?
- ⤷ What is the difference between the STD and the Z-Type marker series?