Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • STDRIVEG611Q

  • AI
    # STDRIVEG611Q: High-Speed Gate Driver The **STDRIVEG611Q** is a high-speed gate driver specifically designed by STMicroelectronics to drive **GaN (Gallium Nitride)** enhancement-mode HEMT transistors or N-channel MOSFETs. It is optimized for high-frequency switching applications where efficiency and small footprints are critical. --- ## 1. Key Technical Specifications The following table summarizes the core electronic characteristics of the STDRIVEG611Q: | Parameter | Specification | | :--- | :--- | | **Configuration** | Single High-Side / Low-Side (Floating) | | **Max Voltage (Vout)** | Up to 600V (Floating) | | **Sink/Source Current** | 1.3 A / 0.8 A (Typical) | | **Logic Inputs** | 3.3V to 15V (TTL/CMOS compatible) | | **Supply Voltage (Vcc)** | 5V to 20V | | **Propogation Delay** | ~30 ns (High speed) | | **Package** | QFN 16L (3x3 mm) | --- ## 2. Core Functional Modules ### A. Integrated Bootstrap Diode Unlike traditional drivers that require an external diode to charge the high-side capacitor, the STDRIVEG611Q integrates a high-voltage bootstrap diode. This saves PCB space and reduces parasitic inductance. ### B. UVLO (Under Voltage Lock-Out) To prevent the GaN/MOSFET from operating in a linear (resistive) region which would cause overheating, the device includes UVLO protection on both the $V_{CC}$ and $V_{boot}$ sections. ### C. Smart Shutdown (SD) The driver features a dedicated SD pin that provides a fast asynchronous shutdown. This is crucial for over-current protection or system-level emergency stops. ### D. Interlocking and Deadtime The device is designed to prevent "shoot-through" (where both the high and low side switches are on simultaneously). It manages the timing to ensure one switch is fully off before the other turns on. --- ## 3. Typical Application Circuit In a standard application, the STDRIVEG611Q is positioned between the Microcontroller (MCU) and the GaN Power Stage. ```mermaid graph LR MCU[MCU/PWM] -->|Logic Level| ST[STDRIVEG611Q] ST -->|Gate Drive| GaN[GaN HEMT] VCC[Supply] --> ST GND[Ground] --> ST ``` ### Critical External Components: 1. **Gate Resistors ($R_g$):** Used to control the turn-on/turn-off speed and dampen oscillations. 2. **Bootstrap Capacitor ($C_{boot}$):** Stores the charge required to drive the high-side gate. 3. **Decoupling Capacitors:** Placed close to $V_{CC}$ to filter high-frequency noise. --- ## 4. Main Advantages * **High Frequency:** Capable of switching at MHz frequencies due to low propagation delay. * **GaN Optimized:** The gate drive voltage is regulated to stay within the narrow safety window of GaN gates (typically 5V - 6V). * **Robustness:** High immunity against $dV/dt$ noise, which is common in fast-switching GaN circuits.
    ✨ Follow-up Questions
    • ⤷What are the recommended gate resistor values for GaN HEMTs using the STDRIVEG611Q?
    • ⤷ How does the STDRIVEG611Q compare to the STDRIVEG601 in terms of features?
    • ⤷ Can this driver be used in a half-bridge configuration directly?