Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • STM32F412RGH6

  • AI
    The **STM32F412RGH6** is a high-performance microcontroller part of the STM32 Dynamic Efficiency™ line. It is based on the Arm® Cortex®-M4 32-bit RISC core with a Floating Point Unit (FPU). --- ### 1. Key Technical Specifications The internal architecture is designed for high performance and low power consumption. | Feature | Specification | | :--- | :--- | | **Core** | Arm® 32-bit Cortex®-M4 CPU with FPU | | **Maximum Frequency** | 100 MHz | | **Flash Memory** | 1024 KB (1 MB) | | **SRAM** | 256 KB | | **Operating Voltage** | 1.7 V to 3.6 V | | **Package Type** | UFBGA64 (7x7 mm) | | **I/O Ports** | 50 GPIOs with interrupt capability | --- ### 2. Core Functional Blocks The electronic internal structure consists of several critical subsystems: #### A. Power Management * **Voltage Regulator:** Includes an internal regulator that supplies 1.2V to the digital core. * **Low-Power Modes:** Supports Sleep, Stop, and Standby modes. * **VBAT Supply:** Allows the RTC (Real Time Clock) and backup registers to remain powered by a battery when the main VDD is off. #### B. Advanced Peripherals * **Connectivity:** 4x USARTs, 3x I2C, 5x SPI, and 2x CAN interfaces. * **USB:** USB 2.0 full-speed device/host/OTG controller with on-chip PHY. * **SDIO:** Interface for SD cards and MMC cards. * **Analog-to-Digital (ADC):** One 12-bit ADC reaching 2.4 MSPS, with up to 16 channels. #### C. Memory Protection & Acceleration * **ART Accelerator™:** A memory accelerator that allows 0-wait state execution from Flash memory at CPU frequencies up to 100 MHz. * **DMA Controller:** 16-stream DMA controller with FIFOs and burst support to offload the CPU during data transfers. --- ### 3. Pinout and Physical Characteristics The **RGH6** suffix provides specific information about the physical package: * **R:** 64 pins. * **G:** 1024 Kbytes of Flash memory. * **H:** UFBGA package (Ultra Fine Ball Grid Array). * **6:** Industrial temperature range (-40°C to 85°C). --- ### 4. Implementation Example (C Snippet) To initialize a GPIO pin on this MCU using the HAL library: ```c GPIO_InitTypeDef GPIO_InitStruct = {0}; /* Enable Clock for GPIO Port A */ __HAL_RCC_GPIOA_CLK_ENABLE(); /* Configure Pin 5 (usually an LED) */ GPIO_InitStruct.Pin = GPIO_PIN_5; GPIO_InitStruct.Mode = GPIO_MODE_OUTPUT_PP; GPIO_InitStruct.Pull = GPIO_NOPULL; GPIO_InitStruct.Speed = GPIO_SPEED_FREQ_LOW; HAL_GPIO_Init(GPIOA, &GPIO_InitStruct); ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the STM32F411 and the STM32F412 series?
    • ⤷ How does the ART Accelerator improve performance in this MCU?
    • ⤷ What are the power consumption figures for the STM32F412RGH6 in Stop mode?