STM32F412RGT3TR
AI

## STM32F412RGT3TR: Technical Overview
The **STM32F412RGT3TR** is a high-performance microcontroller from STMicroelectronics’ Access Line of the STM32F4 series. It is based on the **ARM® Cortex®-M4** 32-bit RISC core with a Floating Point Unit (FPU).
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M4 with FPU |
| **Max CPU Frequency** | 100 MHz |
| **Flash Memory** | 1024 KB (1 MB) |
| **SRAM** | 256 KB |
| **Operating Voltage** | 1.7V to 3.6V |
| **Package / Case** | LQFP-64 (10x10 mm) |
| **I/O Pins** | 50 |
| **ADC** | 1x 12-bit (16 channels) |
| **Operating Temp** | -40°C to +105°C |
---
### 2. Core Functional Blocks
#### Processing Power
* **Adaptive Real-Time (ART) Accelerator:** Allows 0-wait state execution from Flash memory at up to 100 MHz.
* **DSP Instructions:** Includes a full set of DSP instructions and a Memory Protection Unit (MPU) to enhance application security.
#### Connectivity & Peripherals
The STM32F412 is known for its extensive connectivity options, making it suitable for industrial and consumer applications:
* **Communication Interfaces:** 4x USARTs, 3x I2C, 5x SPI, and 2x CAN (2.0B Active).
* **USB Support:** USB 2.0 full-speed device/host/OTG controller with on-chip PHY.
* **SDIO:** Interface for SD cards, eMMCs, and MMC cards.
* **Parallel Interface:** 8- to 14-bit parallel camera interface.
#### Power Management
* **Low-Power Modes:** Includes Sleep, Stop, and Standby modes.
* **VBAT Supply:** Allows for a backup battery to power the RTC (Real-Time Clock) and 32x32-bit backup registers.
---
### 3. Part Number Decoder
Understanding the suffix of **STM32F412RGT3TR**:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **STM32** | Family | 32-bit Microcontroller |
| **F412** | Line | Access Line, High Performance |
| **R** | Pin Count | 64 Pins |
| **G** | Flash Size | 1024 KB |
| **T** | Package | LQFP |
| **3** | Temp Range | -40°C to +105°C |
| **TR** | Packing | Tape and Reel |
---
### 4. Typical Application Example (C Snippet)
To initialize a GPIO pin for a simple LED toggle on this chip using the HAL library:
```c
void MX_GPIO_Init(void) {
GPIO_InitTypeDef GPIO_InitStruct = {0};
/* Enable GPIO Port Clock */
__HAL_RCC_GPIOA_CLK_ENABLE();
/* Configure GPIO pin : PA5 (User LED) */
GPIO_InitStruct.Pin = GPIO_PIN_5;
GPIO_InitStruct.Mode = GPIO_MODE_OUTPUT_PP;
GPIO_InitStruct.Pull = GPIO_NOPULL;
GPIO_InitStruct.Speed = GPIO_SPEED_FREQ_LOW;
HAL_GPIO_Init(GPIOA, &GPIO_InitStruct);
}
```
- ⤷
What are the main differences between the STM32F411 and the STM32F412?
- ⤷ How does the ART Accelerator improve performance in this MCU?
- ⤷ What are the power consumption characteristics in Standby mode?