AI

The **STM32F412RGY6TR** is a high-performance microcontroller from STMicroelectronics’ Access Line. It is based on the ARM® Cortex®-M4 32-bit RISC core with a Floating Point Unit (FPU).
Below is a detailed breakdown of its electronic specifications and technical architecture.
---
### 1. General Specifications
The "RGY6TR" suffix provides specific details about the package, memory density, and packaging style.
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M4 with FPU |
| **Max Frequency** | 100 MHz |
| **Flash Memory** | 1024 KB (1 MB) |
| **SRAM** | 256 KB |
| **Operating Voltage** | 1.7V to 3.6V |
| **Package Type** | WLCSP64 (Wafer Level Chip Scale Package) |
| **Pin Count** | 64 Pins |
---
### 2. Core Architecture and Performance
The Cortex-M4 core allows the chip to handle complex digital signal processing (DSP) tasks efficiently.
* **Adaptive Real-Time Accelerator (ART Accelerator™):** Allows 0-wait state execution from Flash memory at up to 100 MHz.
* **DSP Instructions:** Supports Single Instruction Multiple Data (SIMD) and dedicated MAC units.
* **FPU:** Single-precision floating-point unit compliant with IEEE 754.
---
### 3. Key Peripheral Interfaces
The STM32F412 series is known for its extensive connectivity options, making it ideal for industrial and consumer applications.
| Category | Components |
| :--- | :--- |
| **Timers** | 2x 32-bit timers, 8x 16-bit timers, 2x Watchdog timers |
| **Communication** | 4x I2C, 4x USART/UART, 5x SPI, 3x I2S, 2x CAN (2.0B Active) |
| **USB** | USB 2.0 OTG Full Speed (Internal PHY) |
| **Analog** | 1x 12-bit ADC (up to 16 channels), temperature sensor |
| **SDIO** | 1x SDIO interface (supports SD/MMC/eMMC) |
---
### 4. Power Management
This specific model is designed for low-power applications.
* **Sleep, Stop, and Standby modes:** Reduces power consumption when the CPU is inactive.
* **VBAT Supply:** Allows the RTC (Real-Time Clock) and backup registers to remain powered via a coin cell if the main power is lost.
* **Voltage Scaling:** The core voltage can be scaled to balance performance and power consumption.
---
### 5. Part Number Breakdown (RGY6TR)
Understanding the suffix is critical for PCB design and procurement:
* **RG:** 1024 KB Flash memory.
* **Y:** WLCSP (Wafer Level Chip Scale Package) — this is an extremely small footprint, meant for space-constrained devices.
* **6:** Industrial temperature range (-40°C to +85°C).
* **TR:** Tape and Reel (Packaging for automated assembly).
---
### 6. Design Example (Power Pins)
When designing a circuit for this chip, the following pin groups are essential:
```c
// Schematic Checklist for STM32F412RGY6
VDD / VSS -> Main digital power supply (1.7V - 3.6V)
VDDA / VSSA -> Analog supply (Must be equal to VDD)
VBAT -> Battery backup for RTC
NRST -> Reset pin (Active Low)
BOOT0 -> Boot mode selection (Flash vs. System Memory)
```
- ⤷
How does the WLCSP64 package impact PCB manufacturing compared to a LQFP package?
- ⤷ What are the specific advantages of the ART Accelerator in the STM32F4 series?
- ⤷ Can the STM32F412RGY6TR support external memory via FSMC?