Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • SWF1608CF-R24M

  • AI
    The **SWF1608CF-R24M** is a high-frequency **Surface Mount Chip Inductor** (often referred to as a wire-wound chip inductor). It is commonly used in RF (Radio Frequency) circuits for impedance matching, decoupling, and filtering. --- ### ## Technical Specifications Below are the primary electrical and physical characteristics of this specific component: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.24 µH (240 nH) | | **Tolerance** | ±20% (indicated by 'M') | | **Case Size (Imperial)** | 0603 | | **Case Size (Metric)** | 1608 (1.6mm x 0.8mm) | | **Structure** | Wire-wound / Ferrite Core | | **DC Resistance (DCR)** | Typically low (approx. 0.35Ω - 0.50Ω depends on brand) | | **Rated Current** | Approx. 300mA - 450mA | | **Self-Resonant Frequency** | High (> 500 MHz) | --- ### ## Component Breakdown (Part Numbering) The part number can be decoded as follows: * **SWF**: Series prefix (Wire-wound Ferrite inductor). * **1608**: Physical dimensions (1.6mm length x 0.8mm width). * **CF**: Material/Designation code (usually referring to the coating or core type). * **R24**: Inductance value (R acts as a decimal point, so 0.24µH). * **M**: Tolerance code (M = ±20%). --- ### ## Key Features 1. **Small Form Factor**: The 0603 (1608 metric) footprint is ideal for high-density PCB designs like smartphones and wearable tech. 2. **High Q-Factor**: Due to the wire-wound construction, it maintains high quality/efficiency at RF frequencies compared to multilayer inductors. 3. **Stability**: The ferrite core design provides better inductance stability under loaded conditions. ### ## Common Applications * **RF Matching Networks**: Used in the frontend of Wi-Fi or Bluetooth modules to match antenna impedance. * **EMI Suppression**: High-frequency noise filtering in power lines. * **Signal Decoupling**: Preventing high-frequency signals from entering DC power rails. --- ### ## Equivalent/Alternative Parts If this specific part is unavailable, engineers often look for equivalents from major manufacturers: * **Murata**: LQW18 / LQH18 series. * **TDK**: MLW / NLV series. * **Taiyo Yuden**: CB series.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a wire-wound inductor and a multilayer inductor in RF circuits?
    • ⤷ How does the 'M' tolerance impact signal integrity in high-frequency applications?
    • ⤷ What are the soldering profile recommendations for 1608 metric components?