Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • TCS-4G-R

  • AI
    The **TCS-4G-R** is an industrial-grade LTE cellular communication module, commonly used in telemetry, remote monitoring, and IoT applications. It is designed to act as a bridge between serial hardware (RS232/RS485) and the 4G network. --- ### 1. Core Electronic Specifications The module integrates several critical sub-systems to ensure stable data transmission over cellular networks. | Component / Feature | Specification | | :--- | :--- | | **Network Support** | 4G LTE (FDD/TDD), 3G WCDMA, 2G GSM/GPRS | | **Processor** | ARM Cortex-M series (typically for protocol stack management) | | **Serial Interfaces** | 1x RS232, 1x RS485 (Terminal blocks) | | **Input Voltage** | DC 5V - 36V (Wide range for industrial power supplies) | | **SIM Interface** | 1.8V / 3.0V Standard Drawer-type SIM Slot | | **Antenna Connector** | SMA-K (Female) | --- ### 2. Key Internal Hardware Features #### A. Power Management System The TCS-4G-R features a wide-voltage input design. It includes: * **Reverse Polarity Protection:** Prevents damage if the power leads are swapped. * **Surge Protection:** Built-in TVS (Transient Voltage Suppressor) diodes to handle voltage spikes. #### B. Isolated Serial Communication To prevent ground loops and electromagnetic interference (EMI) in industrial environments, the RS485/RS232 ports often feature: * **ESD Protection:** Up to 15KV Air / 8KV Contact protection. * **Logic Conversion:** Onboard level shifters to translate TTL logic from the cellular module to industrial serial standards. #### C. RF (Radio Frequency) Path * **Impedance Matching:** The RF traces are tuned to 50 ohms for maximum signal integrity. * **Sensitivity:** High-sensitivity receivers allow the device to maintain a connection in low-signal areas (e.g., metal enclosures or remote sites). --- ### 3. Functional Pinout / Interface Overview | Pin Name | Type | Description | | :--- | :--- | :--- | | **VCC / GND** | Power | Main DC power input (9-36V recommended) | | **A / B** | RS485 | Differential data lines for long-distance serial | | **TX / RX** | RS232 | Standard serial communication lines | | **NET / WORK** | LED | Status indicators for network registration and data activity | | **Reload** | Button | Hardware factory reset trigger | --- ### 4. Software & Protocol Stack The electronic components work in tandem with embedded firmware to support: * **Transparent Transmission:** "Serial-to-Cloud" data flow without altering the packet. * **Modbus RTU to TCP:** Automatic conversion for PLC (Programmable Logic Controller) communication. * **Heartbeat Packets:** Ensuring the connection remains "alive" during idle periods.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the TCS-4G-R during transmission?
    • ⤷ How do I configure the RS485 baud rate on this module?
    • ⤷ Does the TCS-4G-R support GPS/GNSS tracking in addition to 4G?