Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • TM1061S-R

  • AI
    The **TM1061S-R** is a specific electronic component, typically categorized as a **10/100 Base-TX Single Port Transformer Module** (often referred to as an RJ45 Magnetic Module or Ethernet Transformer). These components are critical in networking hardware to ensure signal integrity and electrical safety. --- ## 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the TM1061S-R: | Parameter | Value / Specification | | :--- | :--- | | **Type** | Ethernet Magnetic Module (Transformer) | | **Speed** | 10/100 Base-TX | | **Turns Ratio** | 1:1 (Transmitter & Receiver) | | **Insertion Loss** | -1.1 dB Max (0.1 to 100 MHz) | | **Return Loss** | -18 dB Min (0.5 to 30 MHz) | | **Isolation Voltage** | 1500 Vrms (Hi-Pot) | | **Operating Temp** | 0°C to +70°C (Standard) | --- ## 2. Core Functional Components Inside the TM1061S-R, several internal electronic parts work together: ### A. Isolation Transformers The primary function is **Galvanic Isolation**. It protects delicate semiconductor components (like an Ethernet PHY chip) from high-voltage surges on the network cable and prevents ground loops. ### B. Common Mode Chokes (CMC) These are integrated to suppress **Electromagnetic Interference (EMI)**. They filter out common-mode noise that is picked up by the twisted-pair cables while allowing the differential data signals to pass through. ### C. Termination Resistors and Capacitors Often referred to as "Bob Smith" termination, these internal components help match the impedance of the cable (usually 100 ohms) to prevent signal reflections that cause data errors. --- ## 3. Physical Form Factor * **Mounting Style:** Usually **SMD (Surface Mount Device)** or **DIP (Dual In-line Package)** depending on the specific suffix, but the "S" typically denotes a Small Outline or Surface Mount profile. * **Footprint:** Compact design suited for space-constrained PCB layouts in routers, switches, and embedded IoT devices. * **RoHS Compliance:** The "-R" suffix generally indicates that the part is **RoHS Compliant** (Lead-free). --- ## 4. Typical Application Circuit In a standard design, the TM1061S-R sits between the **Ethernet Controller (PHY)** and the **RJ45 Connector**: ```text [ Ethernet PHY ] <---> [ TM1061S-R Magnetics ] <---> [ RJ45 Connector ] <---> [ Network Cable ] ``` ### Why it is used: 1. **Signal Conditioning:** Cleans the differential signal for long-distance transmission. 2. **Impedance Matching:** Ensures the 100-ohm differential impedance is maintained. 3. **Safety:** Meets IEEE 802.3 standards for electrical isolation.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the TM1061S-R?
    • ⤷ Can this module be used for Power over Ethernet (PoE) applications?
    • ⤷ What are the common alternatives or equivalents to this transformer?