TOP100-12
AI

The **TOP100-12** is a specific model of an AC/DC switching power supply, commonly used in industrial automation and electronic equipment. It is designed to convert high-voltage alternating current (AC) into a stable 12V direct current (DC).
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the TOP100-12:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 85 - 264 VAC (Universal Input) |
| **Output Voltage** | 12 VDC |
| **Output Current** | 8.3 A (Typical) |
| **Rated Power** | 100 Watts |
| **Efficiency** | ~88% - 90% |
| **Form Factor** | Open Frame or Enclosed (depending on series) |
---
### 2. Major Electronic Components
The TOP100-12 consists of several stages of electronic circuitry:
1. **Input Filter Stage:**
* **EMI Filter:** Consists of X/Y capacitors and common-mode chokes to prevent electromagnetic interference from leaking back into the grid.
* **Bridge Rectifier:** Converts AC input into pulsating DC.
2. **Power Factor Correction (PFC) & Bulk Storage:**
* **High-Voltage Electrolytic Capacitor:** Smooths the rectified DC before it enters the switching stage.
3. **Switching Stage:**
* **PWM Controller IC:** The "brain" that regulates the duty cycle of the power MOSFET.
* **Power MOSFET:** A high-speed transistor that "chops" the DC voltage at high frequencies (usually 65kHz - 100kHz).
4. **Transformation Stage:**
* **High-Frequency Transformer:** Provides galvanic isolation and steps down the high-voltage pulsed DC to the required 12V level.
5. **Output Rectification & Filtering:**
* **Schottky Diodes:** Rectifies the high-frequency AC from the transformer back to DC.
* **LC Filter:** Inductors and low-ESR capacitors that remove voltage ripples to provide a clean 12V output.
---
### 3. Protection Features
To ensure the safety of the connected electronics, the TOP100-12 includes integrated protection circuits:
* **Overload Protection (OLP):** Limits output current to prevent overheating.
* **Overvoltage Protection (OVP):** Shuts down the unit if the output exceeds a safe threshold (e.g., 15V).
* **Short Circuit Protection (SCP):** Automatically recovers after the short circuit is removed (Hiccup mode).
* **Thermal Shutdown:** Protects the internal components if the ambient temperature becomes too high.
---
### 4. Typical Applications
* **Industrial Control Systems:** Powering PLCs and sensors.
* **LED Lighting:** Constant voltage supply for 12V LED strips.
* **Telecommunications:** Powering routers and small network hubs.
* **Embedded Systems:** Providing a stable rail for single-board computers and motor drivers.
- ⤷What are the cooling requirements for the TOP100-12?
- ⤷ What is the difference between the 'Open Frame' and 'Enclosed' versions?
- ⤷ How do I calculate the ripple voltage for this power supply?