U74LVC1G00L-AF5-R
AI

The **U74LVC1G00L-AF5-R** is a high-performance, low-voltage CMOS device. Specifically, it is a **2-input positive-NAND gate** housed in a small footprint package, commonly used in modern portable electronics and space-constrained PCB designs.
---
### ## Technical Specifications
The following table summarizes the core electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Logic Function** | 2-Input NAND Gate |
| **Logic Family** | LVC (Low Voltage CMOS) |
| **Operating Voltage (Vcc)** | 1.65V to 5.5V |
| **Output Current ($I_{OH}/I_{OL}$)** | ±24mA (at 3.0V) |
| **Propagation Delay** | ~3.3ns (typical at 3.3V) |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | SOT-25 / SOT-23-5 (AF5) |
| **RoHS Status** | Lead-Free / Halogen Free |
---
### ## Pin Configuration and Logic
The device features 5 pins. The logic operation follows the standard NAND truth table: if both inputs are High, the output is Low; otherwise, the output remains High.
#### **Pinout Description**
1. **IN B**: Input B
2. **IN A**: Input A
3. **GND**: Ground (0V)
4. **OUT Y**: Output ($\overline{A \cdot B}$)
5. **Vcc**: Power Supply
#### **Truth Table**
| Input A | Input B | Output Y |
| :---: | :---: | :---: |
| L | L | H |
| L | H | H |
| H | L | H |
| H | H | L |
---
### ## Key Features
* **$I_{off}$ Circuitry:** Supports partial power-down mode operation. This prevents damaging backflow current through the device when it is powered down.
* **Wide Voltage Range:** Compatible with 1.8V, 2.5V, 3.3V, and 5V systems, making it excellent for voltage level translation.
* **High Drive Capability:** The ±24mA output current allows it to drive significant loads or multiple inputs without signal degradation.
* **Overvoltage Tolerant Inputs:** The inputs can handle up to 5.5V regardless of the supply voltage ($V_{cc}$).
---
### ## Typical Applications
* **Signal Inversion/Logic Processing:** Basic logic building blocks in motherboards and industrial controllers.
* **Pulse Shaping:** Cleaning up slow-rising edges of digital signals.
* **Level Shifting:** Interfacing between a 3.3V MCU and a 5V peripheral (or vice-versa).
* **Portable Electronics:** Used in smartphones and tablets due to the ultra-small AF5 (SOT-25) packaging.
---
- ⤷What are the differences between the LVC and AHC logic families?
- ⤷ Can this NAND gate be used as a simple inverter?
- ⤷ What is the maximum power dissipation for the SOT-25 package?