Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • UP2B-100-R

  • AI
    ## Technical Overview of the UP2B-100-R The **UP2B-100-R** is a high-performance, shielded power inductor designed by Eaton (formerly Cooper Bussmann). It is part of the **Uni-Pac (UP)** series, widely used in DC-DC converters and power supply circuits. --- ### 1. Key Technical Specifications The following table outlines the fundamental electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 10.0 µH | | **Inductance Tolerance** | ±20% | | **DC Resistance (DCR)** | 0.0304 Ω (Typical) | | **Rated Current (Irms)** | 3.8 Amps | | **Saturation Current (Isat)** | 3.9 Amps | | **Operating Temperature** | -40°C to +125°C | | **Package / Case** | Surface Mount (SMD) | --- ### 2. Functional Components and Materials The UP2B-100-R consists of several critical electronic and physical parts that define its performance: * **Ferrite Core:** The "100" in the part number indicates the 10.0 µH inductance, achieved via a high-permeability ferrite core. This material allows for high energy storage with minimal physical volume. * **Magnetic Shielding:** The "UP2B" design features a shielded construction. This is vital for reducing **Electromagnetic Interference (EMI)**, ensuring that the magnetic field generated by the inductor does not interfere with nearby sensitive components on the PCB. * **Copper Winding:** The internal coil is made of high-grade copper wire. The thickness of this wire determines the **DCR**; a lower DCR (like the 0.0304 Ω here) results in lower power loss and less heat generation. * **Terminations:** The part features robust solder pads designed for surface mount technology (SMT) reflow soldering. The "-R" suffix indicates that the part is **RoHS compliant** (lead-free). --- ### 3. Application Use Cases This specific part is typically found in the following electronic systems: 1. **Buck/Boost Converters:** Acting as the primary energy storage element to step up or step down voltage. 2. **Computer Peripherals:** Used in laptops and servers for local voltage regulation (VRMs). 3. **Battery Powered Devices:** Due to its high efficiency and low DCR, it helps extend battery life. 4. **LED Drivers:** Providing constant current filtering for lighting applications. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **UP2B:** The series name and physical size (approx. 10.4mm x 14.0mm). * **100:** The inductance code. The first two digits are significant figures, and the third is the multiplier (10 x 10^0 = 10 µH). * **R:** Indicates RoHS compliance.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Irms and Isat for this inductor?
    • ⤷ Can the UP2B-100-R be used in high-frequency switching power supplies above 1MHz?
    • ⤷ What are the recommended footprint dimensions for soldering this component?