Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • UPOS-300P-R10BE

  • AI
    The **UPOS-300P-R10BE** is an industrial-grade Point of Sale (POS) system manufactured by Advantech. It is designed as a fanless, high-performance terminal for retail and hospitality environments. Below is a detailed breakdown of its electronic components and hardware specifications. --- ### 1. Core Processing Unit (CPU) The "R10BE" designation typically refers to the specific processor configuration within the UPOS-300P series. | Component | Specification | | :--- | :--- | | **Processor** | Intel® Celeron® J6412 (Elkhart Lake) | | **Cores / Threads** | 4 Cores / 4 Threads | | **Base Frequency** | 2.00 GHz (Burst up to 2.60 GHz) | | **TDP** | 10W (Enables the fanless design) | ### 2. Memory and Storage The system utilizes standard industrial-grade volatile and non-volatile memory interfaces. * **RAM:** Supports 1 x 260-pin DDR4 SO-DIMM slot. It usually supports up to 32GB DDR4 3200MHz. * **Storage:** * 1 x M.2 2280 Key M slot (SATA/NVMe). * Internal SATA interface for 2.5" SSD/HDD support. ### 3. Display and Touch Panel The unit serves as both the compute engine and the primary interface. * **LCD Panel:** 15" TFT LED Backlight display. * **Resolution:** 1024 x 768 (XGA). * **Touch Controller:** True-flat P-CAP (Projected Capacitive) multi-touch. * **Interface:** Internal eDP or LVDS connection for the primary screen. ### 4. I/O Connectivity (Electronic Interfaces) The electronic versatility of the UPOS-300P lies in its rich I/O array, designed to power peripherals like receipt printers, scanners, and cash drawers. | Port Type | Quantity | Purpose | | :--- | :--- | :--- | | **USB 3.0 / 2.0** | 4 x USB 3.0 / 2 x USB 2.0 | General peripherals (Keyboards, Scanners) | | **Serial (COM)** | 2 x RS-232 (RJ48 connector) | Legacy hardware and scales | | **LAN** | 1 x Gigabit Ethernet (RJ45) | Network connectivity | | **Cash Drawer** | 1 x RJ11 (12V/24V) | Direct solenoid trigger for drawers | | **Video Out** | 1 x HDMI / DP | Secondary customer-facing display | ### 5. Power Management * **Input Voltage:** 12V DC Input (via external AC/DC Power Adapter). * **Power Consumption:** Optimized for low power draw (approx. 60W adapter provided). * **Protection:** Industrial-grade surge protection and grounding. ### 6. Expansion and Customization The internal PCB (Motherboard) often includes headers for modular additions: * **M.2 Key E:** For Wi-Fi and Bluetooth modules. * **Modular Attachments:** Support for MSR (Magnetic Stripe Reader), RFID, or VFD (Vacuum Fluorescent Display) via dedicated internal headers. --- ### Summary Table: Key Features | Feature | Detail | | :--- | :--- | | **Thermal Design** | Fanless (Passive cooling via Aluminum Chassis) | | **Durability** | IP65 rated front panel (water/dust resistant) | | **Chassis** | Small footprint with cable management cover |
    ✨ Follow-up Questions
    • ⤷ Does the UPOS-300P-R10BE support Windows 11 and Linux distributions?
    • ⤷ What are the mounting options for this POS system?
    • ⤷ How does the fanless design affect the long-term reliability of the electronics?