Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • UT3232G-P16-R

  • AI
    The **UT3232G-P16-R** is a high-speed, low-power interface IC designed for RS-232 serial communication. It is a popular choice for bridging the gap between low-voltage microcontrollers (logic level) and standard RS-232 serial ports (high-voltage level). --- ### 1. Key Technical Specifications This device follows the industry-standard "3232" architecture, which allows it to operate with a single low-voltage power supply. | Parameter | Specification | | :--- | :--- | | **Supply Voltage (Vcc)** | 3.0V to 5.5V | | **Data Rate** | Up to 250 kbps | | **Channels** | 2 Drivers / 2 Receivers | | **External Capacitors** | 4 × 0.1µF | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | TSSOP-16 (P16) | | **Compliance** | TIA/EIA-232-F and ITU V.28 | --- ### 2. Functional Architecture The UT3232G-P16-R consists of three primary functional blocks: #### A. Dual Charge Pump The chip uses an internal charge pump with four external capacitors to generate the positive and negative voltages required for RS-232 signals (roughly ±5.5V to ±9V) from a single +3.3V or +5V supply. #### B. Transmitter (Driver) Section * **Function:** Converts CMOS/TTL logic signals (0V to 3.3V/5V) into RS-232 levels. * **Protection:** Includes output short-circuit protection and thermal shutdown. #### C. Receiver Section * **Function:** Converts incoming RS-232 high-voltage signals back into CMOS/TTL levels. * **Hysteresis:** Features input hysteresis to minimize noise interference and ensure clean signal transitions. --- ### 3. Pin Configuration (TSSOP-16) The typical pinout for the UT3232G-P16-R follows standard 3232 conventions: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | C1+ | Positive Terminal of Voltage-Doubler Capacitor | | 2 | V+ | Positive Charge-Pump Output | | 3 | C1- | Negative Terminal of Voltage-Doubler Capacitor | | 4 | C2+ | Positive Terminal of Inverting Capacitor | | 5 | C2- | Negative Terminal of Inverting Capacitor | | 6 | V- | Negative Charge-Pump Output | | 7, 8 | T2OUT, T1OUT | RS-232 Driver Outputs | | 9, 10 | R1IN, R2IN | RS-232 Receiver Inputs | | 11, 12 | R2OUT, R1OUT | TTL/CMOS Receiver Outputs | | 13, 14 | T1IN, T2IN | TTL/CMOS Driver Inputs | | 15 | GND | Ground | | 16 | Vcc | Power Supply | --- ### 4. Part Number Breakdown (UTC Naming Convention) * **UT3232**: Base model (3V/5V Low Power RS-232 Transceiver). * **G**: Halogen-free and Lead-free (Green). * **P16**: TSSOP-16 package type. * **R**: Tape & Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What are the specific capacitor requirements for 3.3V vs 5V operation?
    • ⤷ How does the UT3232 compare to the MAX3232 in terms of pin compatibility?
    • ⤷ What is the maximum power consumption of this IC in standby mode?