Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • VIPER0PLD

  • AI
    The **VIPER0PLD** belongs to the VIPerPlus family of high-voltage converters from STMicroelectronics. It is an offline power converter that integrates a high-voltage power MOSFET with a PWM controller into a single package, designed specifically for low-power Switched-Mode Power Supplies (SMPS). --- ### 1. Key Internal Electronic Components The device is a "monolithic" IC, meaning several functional blocks are integrated onto one silicon chip: | Component | Description | | :--- | :--- | | **800V Power MOSFET** | A high-voltage switch that handles the primary current of the transformer. Its high breakdown voltage allows it to withstand significant voltage spikes. | | **PWM Controller** | Pulse Width Modulation logic that regulates the output voltage by adjusting the duty cycle of the MOSFET. | | **SenseFET** | A specialized part of the MOSFET used to measure the drain current accurately without a bulky external shunt resistor. | | **Internal High-Voltage Startup** | Allows the chip to start up directly from the rectified mains voltage, eliminating the need for an external bleeder resistor. | --- ### 2. Technical Specifications The VIPER0PLD is optimized for "buck," "buck-boost," or "flyback" topologies. | Parameter | Value / Characteristic | | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 800 V | | **Switching Frequency** | 60 kHz (Fixed) | | **Max Drain Current ($I_{Dlim}$)** | 260 mA | | **Package Type** | SO-8 (Small Outline) | | **Topology Support** | Non-isolated (Buck) and Isolated (Flyback) | --- ### 3. Integrated Protection Features One of the primary advantages of the VIPER0PLD is its built-in protection circuitry, which reduces the need for external components: * **Pulse-by-Pulse Current Limiting:** Protects the MOSFET from over-current during every switching cycle. * **Hysteretic Thermal Shutdown:** Shuts down the IC if the junction temperature exceeds $150^\circ C$ to prevent permanent damage. * **Overvoltage Protection (OVP):** Monitors the $V_{CC}$ pin to ensure the voltage does not exceed safe limits. * **Auto-Restart:** In the event of a fault (like a short circuit), the device attempts to restart periodically once the fault is removed. --- ### 4. Typical Application Circuitry To build a functional power supply using the VIPER0PLD, you typically only need a few external parts: 1. **Input Rectifier:** Diodes to convert AC to DC. 2. **Filter Capacitor:** To smooth the rectified high voltage. 3. **Inductor/Transformer:** To store and transfer energy. 4. **Feedback Network:** Usually a resistor divider or an optocoupler to tell the IC to adjust the power. ---
    ✨ Follow-up Questions
    • ⤷What are the main differences between the VIPER0P and the VIPER01 series?
    • ⤷ How do I calculate the output power limit for a buck converter using the VIPER0PLD?
    • ⤷ Can the VIPER0PLD be used in battery charger applications?