Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • VIPER53DIP

  • AI
    ## Overview of the VIPER53DIP The **VIPER53DIP** is an offline switched-mode power supply (SMPS) primary switcher manufactured by STMicroelectronics. It combines a high-performance PWM (Pulse Width Modulation) controller with a high-voltage Power MOSFET on the same silicon chip. It is specifically designed for applications requiring high power density and low standby power consumption. --- ### 1. Key Internal Components The VIPER53DIP integrates several critical electronic parts into a single 8-pin DIP package: | Component | Function | | :--- | :--- | | **Power MOSFET** | Handles high voltage (620V) and switches the primary current of the transformer. | | **PWM Controller** | Regulates the output voltage by adjusting the switching duty cycle. | | **High Voltage Start-up** | Provides internal current to start the IC without an external resistor. | | **Error Amplifier** | Compares the feedback signal to a reference to maintain stability. | | **Thermal Shutdown** | Protects the IC by turning it off if internal temperature exceeds safety limits. | --- ### 2. Pin Configuration (DIP-8) The physical pins of the VIPER53DIP serve the following electronic functions: | Pin Name | Description | | :--- | :--- | | **DRAIN** | Connected to the high-voltage MOSFET drain. Also used for start-up current. | | **SOURCE** | The ground reference for the power section and control circuitry. | | **VDD** | Supply voltage for the control logic (usually 9V to 18V). | | **COMP** | Compensation pin for the feedback loop. | | **OSC** | Used to set the switching frequency via an external RC network. | --- ### 3. Technical Specifications Understanding the electronic limits of the part is essential for circuit design: * **Drain-Source Voltage ($V_{DSS}$):** 620V maximum. * **Switching Frequency:** Programmable up to 300 kHz. * **Current Limit:** Adjustable through internal circuitry to protect the transformer. * **Standby Power:** Burst mode capability allows for very low power consumption during "no-load" conditions. --- ### 4. Basic Application Circuit In a typical Flyback converter setup, the VIPER53DIP interacts with the following external parts: 1. **Transformer:** To step down the voltage and provide galvanic isolation. 2. **Optocoupler:** (e.g., PC817) to provide feedback from the secondary side to the **COMP** pin. 3. **Snubber Circuit:** (Resistor, Capacitor, Diode) to protect the internal MOSFET from voltage spikes during turn-off. 4. **Electrolytic Capacitor:** Connected to **VDD** to smooth the supply voltage for the IC.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between VIPER53 and VIPER22A?
    • ⤷ How do you calculate the RC values for the OSC pin frequency?
    • ⤷ What is the maximum output power achievable with a VIPER53DIP in a Flyback design?