VLB10050HT-R20M
AI

The **VLB10050HT-R20M** is a high-performance, high-current power inductor manufactured by **TDK**. It is specifically designed for use in voltage regulator modules (VRMs) and high-efficiency power supplies for servers and networking equipment.
---
### 1. Key Technical Specifications
The model number provides specific details about the component's physical and electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.20 µH (200 nH) |
| **Tolerance** | ±20% (indicated by 'M') |
| **DC Resistance (DCR)** | 0.19 mΩ (Typical) |
| **Rated Current (Isat)** | 100 Amperes (Max) |
| **Rated Current (Itemp)** | 55 Amperes (Max) |
| **Dimensions (LxWxH)** | 10.0 x 5.0 x 4.8 mm |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Physical Construction
The VLB series utilizes a **wound-ferrite core** design. Its architecture is optimized for:
* **Low Profile:** The "10050" designation refers to its 10.0mm x 5.0mm footprint.
* **SMD Mounting:** Designed for surface-mount technology with robust terminals to handle extremely high current without overheating.
* **High Power Density:** Large wire cross-sections minimize DC resistance (DCR), reducing power loss during operation.
---
### 3. Core Functionalities and Features
* **Saturation Characteristics:** The R20M variant has a high saturation current ($I_{sat}$), meaning it can maintain its inductance value even when very high current flows through it.
* **Low Loss:** Because the DCR is exceptionally low (0.19 mΩ), it minimizes heat generation, which is critical for 24/7 server environments.
* **Magnetic Shielding:** The design helps contain electromagnetic interference (EMI), which is vital in high-frequency switching power supplies.
---
### 4. Common Applications
The VLB10050HT-R20M is typically found in the following electronic systems:
1. **Server VRMs:** Used in multi-phase buck converters to provide stable voltage to high-power CPUs and GPUs.
2. **Base Stations:** Power stages for telecommunications infrastructure.
3. **Graphic Cards:** Managing power delivery for high-performance computing (HPC) units.
4. **DC-to-DC Converters:** High-current step-down modules.
---
### 5. Part Number Breakdown
```text
VLB 10050 HT - R20 M
| | | | |
| | | | +-- Tolerance (M = ±20%)
| | | +----- Inductance (R20 = 0.20µH)
| | +---------- Series Code (High Temperature/Current)
| +---------------- Case Size (10.0mm x 5.0mm)
+--------------------- Product Type (Inductor for Power Circuits)
```
- ⤷
What is the difference between Isat and Itemp in this inductor's datasheet?
- ⤷ How does the 0.19 mΩ DCR compare to standard power inductors?
- ⤷ Can this inductor be used in automotive applications?