Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • W2AC-A22Y-R

  • AI
    ## Electronic Parts Analysis: W2AC-A22Y-R The **W2AC-A22Y-R** belongs to a series of high-quality industrial components, most commonly identified as a **Pilot Light / Indicator Lamp** manufactured by **IDECO** or similar industrial control providers. Below is a breakdown of the electronic and mechanical components that constitute this part. --- ### 1. Component Specifications This specific model code typically refers to a **22mm LED Pilot Light**. | Feature | Specification | | :--- | :--- | | **Mounting Diameter** | 22mm (Standard industrial size) | | **Illumination Source** | LED (Light Emitting Diode) | | **Input Voltage** | Typically 100V - 120V AC (indicated by "A22") | | **Color** | Red (indicated by "R") | | **Shape** | Round/Dome Flush Mount | | **Terminal Type** | Screw Terminals (M3.5) | --- ### 2. Internal Electronic Parts The device is not just a bulb; it contains circuitry to manage industrial power levels. * **LED Module:** A high-intensity Red LED chip. Unlike incandescent bulbs, these offer long life (approx. 50,000+ hours) and vibration resistance. * **Voltage Dropping Circuit:** Since the input is 120VAC, the internal PCB contains resistors or a capacitive dropper to reduce the voltage and current to levels safe for the LED (typically 2V-3.5V DC). * **Rectifier Diode:** Converts AC input to DC to prevent the LED from flickering or being damaged by reverse voltage. * **Current Limiting Resistor:** Ensures the LED operates within its optimal milliamp range to prevent overheating. --- ### 3. Mechanical & Physical Parts The housing is designed for harsh industrial environments: 1. **Lens:** A red, translucent polycarbonate cover designed for high visibility and impact resistance. 2. **Bezel:** Usually made of black plastic or metallic-finish nylon to secure the unit to a control panel. 3. **Locking Nut:** A threaded ring on the back that secures the unit to the 22mm hole. 4. **Contact Block/Housing:** The rear section where the wiring is connected. It features IP65 or IP66 ingress protection to prevent dust and water from entering the panel. --- ### 4. Application Wiring The part is wired in parallel with the load it is monitoring (e.g., a motor or a heater). ```text L1 (Hot) ----[ Fuse ]----( Terminal X1 ) [ W2AC LED ] L2 (Neutral) ------------( Terminal X2 ) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for this indicator light?
    • ⤷ Does this model support DC voltage inputs as well?
    • ⤷ What is the IP rating for the W2AC-A22Y-R series?