AI

Based on the technical designation, the **W2AC-A42D-R2/Q** refers to a specialized **Industrial AC Servo Motor**, typically associated with manufacturers like **Sanyo Denki** (Sanmotion series).
---
## 1. Component Specification Overview
Below is the technical breakdown of the electronic parts and specifications for this motor series:
| Parameter | Specification Details |
| :--- | :--- |
| **Motor Type** | AC Synchronous Servo Motor |
| **Input Voltage** | 200V - 230V AC (Standard 3-Phase) |
| **Rated Output** | Generally 200W to 400W (depending on frame size) |
| **Encoder Type** | Incremental or Absolute (typically 17-bit or 20-bit) |
| **Brake Option** | Integrated Electromagnetic Brake (indicated by 'B' or 'R' suffixes) |
| **Frame Size** | 40mm or 60mm (Standardized) |
---
## 2. Key Electronic Features
### A. Feedback System (The "/Q" Suffix)
The **Q** suffix usually denotes a high-resolution **Encoder**.
- **Function:** It provides real-time position and velocity feedback to the Servo Drive.
- **Parts:** Contains an optical disk, LED light source, and photodetector array.
### B. Winding and Insulation
- **Stator:** High-density copper windings treated with Class F or H insulation to withstand high temperatures during rapid acceleration.
- **Rotor:** Permanent magnets (typically Neodymium-Iron-Boron) for high torque-to-inertia ratios.
### C. Connectors and Wiring
The motor utilizes specialized industrial connectors to ensure EMI (Electromagnetic Interference) shielding:
1. **Power Connector:** U, V, W, and Ground pins.
2. **Encoder Connector:** Provides power to the encoder (5V DC) and transmits differential signals (A, B, Z phases).
---
## 3. Part Number Breakdown Logic
While exact codes vary by manufacturer, the string generally follows this logic:
1. **W2AC:** Series designation (High-speed, low-inertia).
2. **A42D:** Physical frame size and stack length (Determines the torque capacity).
3. **R2:** Shaft type (e.g., Keyed shaft) or special flange mounting.
4. **Q:** Feedback resolution/High-accuracy sensor specification.
---
## 4. Maintenance and Fault Signs
| Electronic Failure | Probable Cause |
| :--- | :--- |
| **Encoder Error** | Dirty optical disk or cable interference. |
| **Insulation Breakdown** | Overheating or moisture ingress in the windings. |
| **Brake Failure** | Wear on the friction plate or coil burnout (24V DC circuit). |
---
- ⤷
What is the compatible Servo Drive model for the W2AC-A42D-R2/Q?
- ⤷ How do I wire the encoder connector for this specific motor?
- ⤷ What are the torque and RPM ratings for the A42D frame size?