Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • W2AP-32D-R2/UL

  • AI
    ## Detailed Overview of the W2AP-32D-R2/UL The **W2AP-32D-R2/UL** is a specific model of an **AC Axial Fan**, typically manufactured by companies like **Orion Fans** or **Knight Electronics**. These components are widely used in industrial enclosures and server racks for thermal management. --- ### 1. Technical Specifications The following table summarizes the primary electronic and mechanical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 230V AC (Operating range: 200~240V) | | **Frequency** | 50 / 60 Hz | | **Power Consumption** | ~11 Watts | | **Bearing Type** | Dual Ball Bearing (R2 designation) | | **Airflow Capacity** | Approx. 30 - 35 CFM | | **Rotation Speed** | 2,700 - 3,000 RPM | | **Safety Certification** | UL (Underwriters Laboratories) Recognized | | **Termination** | Lead Wires or Terminals (Standard 2-wire) | --- ### 2. Key Electronic Components The internal construction of the W2AP-32D-R2/UL consists of several critical sub-components that manage the conversion of AC power into mechanical rotation: * **Shaded Pole Motor:** This is a self-starting AC single-phase induction motor. It uses a copper ring (shading coil) around a portion of each pole to create a lagging magnetic field, providing the necessary starting torque. * **Stator Windings:** High-quality copper windings insulated to Class B or F standards to withstand heat during continuous operation. * **Capacitor-less Design:** Unlike larger AC motors, these small axial fans typically do not require a start capacitor, reducing the number of potential points of failure. * **Impedance Protection:** The motor is designed to withstand a locked-rotor condition without catching fire or suffering immediate electrical failure. The internal resistance limits the current flow if the blades are obstructed. --- ### 3. Application and Maintenance Because this model uses **Dual Ball Bearings**, it is electronically rated for a significantly longer lifespan compared to sleeve bearing fans. 1. **Mounting:** Can be mounted in any orientation (horizontal, vertical, or angled). 2. **Environmental Protection:** Often features an aluminum die-cast frame to act as a heat sink for the motor coils. 3. **EMI/RFI:** Produces minimal electromagnetic interference, making it suitable for sensitive electronic environments. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the R2 (Ball Bearing) and sleeve bearing versions of this fan?
    • ⤷ What are the specific dimensions of the W2AP-32D-R2/UL housing?
    • ⤷ How does the 'Impedance Protection' feature work in AC axial fans?