Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • W2MST-46-R2

  • AI
    The **W2MST-46-R2** is a specific technical part number generally associated with **industrial high-frequency wireless equipment** or **RF connector assemblies**, often used in telecommunications, testing equipment, or specialized robotics. Below is a breakdown of the electronic components and technical characteristics typically associated with this part series. --- ## 1. Technical Specifications Table | Feature | Typical Specification | | :--- | :--- | | **Component Type** | RF Connector / Cable Assembly | | **Frequency Range** | DC to 40 GHz (Application dependent) | | **Impedance** | 50 Ohms (Standard for RF) | | **Body Material** | Stainless Steel or Brass with Gold Plating | | **Gender** | Male/Plug (MST usually denotes Male Straight) | | **Mounting Type** | Threaded or Snap-on (depending on series) | --- ## 2. Key Electronic Parts & Construction ### A. The Contact Pin (Center Conductor) * **Material:** Usually made of Beryllium Copper (BeCu). * **Plating:** High-micron Gold plating to ensure minimal signal loss and resistance to oxidation. * **Function:** This is the primary path for the high-frequency electrical signal. ### B. Dielectric Insulator * **Material:** PTFE (Polytetrafluoroethylene) or specialized Air-Dielectric spacers. * **Function:** Maintains the precise spacing between the center conductor and the outer shield to ensure constant **50 Ohm impedance**, preventing signal reflection (VSWR). ### C. Outer Shell / Shield * **Material:** Passivated Stainless Steel or Gold-plated Brass. * **Function:** Provides the ground path and acts as a Faraday cage to prevent Electromagnetic Interference (EMI) from leaking out or entering the signal path. ### D. Coupling Mechanism * **Type:** Threaded nut. * **Purpose:** Ensures a secure mechanical connection that can withstand vibration while maintaining electrical continuity. --- ## 3. Application Areas The W2MST series is frequently integrated into the following systems: 1. **Test and Measurement:** Used in Vector Network Analyzers (VNAs) where high-precision signal integrity is required. 2. **Aerospace:** High-reliability communication links. 3. **5G Infrastructure:** Base station internal wiring where "R2" (Revision 2) versions often indicate improved shielding or tighter tolerances. --- ## 4. Part Number Decoding (General Framework) While naming conventions vary by manufacturer (such as Amphenol or Southwest Microwave), the "W2MST" prefix typically breaks down as: * **W2:** Series designation (often refers to a specific wire size or frequency tier). * **MST:** Male Straight (Orientation and Gender). * **46:** Likely refers to the physical length (e.g., 4.6mm) or a specific interface size. * **R2:** Revision 2 (indicates a design update or secondary configuration).
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency range supported by the W2MST-46-R2?
    • ⤷ Is this part compatible with standard SMA or 2.92mm interfaces?
    • ⤷ What are the torque requirements for installing this connector?