Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • W2TG0-231-R2SLASHCE

  • AI
    Based on the part number **W2TG0-231-R2/CE**, this typically refers to a high-performance **External AC-DC Power Supply (Adapter)** often associated with Delta Electronics or specific industrial hardware providers. Below is a breakdown of the electronic specifications and components generally associated with this series: ## Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | External Power Adapter / Desktop Power Supply | | **Input Voltage** | 100V – 240V AC (Universal) | | **Output Voltage** | Typically 12V or 19V DC (Series dependent) | | **Power Rating** | Approximately 230W - 250W | | **Efficiency** | Level VI Standards | | **Safety Certifications** | CE, UL, TUV, CCC, FCC | --- ## Core Electronic Components ### 1. Rectification Stage * **Bridge Rectifier:** Converts the incoming AC voltage into pulsating DC. * **Input Capacitors:** High-voltage electrolytic capacitors used for smoothing the rectified DC. ### 2. Switching & Control (PWM) * **PWM Controller IC:** Manages the Pulse Width Modulation to maintain a steady output voltage regardless of load fluctuations. * **MOSFETs:** High-speed switching transistors that drive the high-frequency transformer. ### 3. Isolation & Transformation * **Power Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC side while stepping down the voltage. * **Optoisolators:** Provide feedback from the output side back to the controller IC to regulate voltage without direct electrical contact. ### 4. Output Filtering * **Schottky Diodes:** Used for high-speed rectification on the output side. * **Low ESR Capacitors:** Filter the high-frequency noise and ripples to provide clean DC power to the device. --- ## Connector and Protection Features * **R2/CE Designation:** The "CE" suffix confirms compliance with European health, safety, and environmental protection standards. * **Over-Voltage Protection (OVP):** Shuts down the unit if output voltage exceeds safety limits. * **Over-Current Protection (OCP):** Prevents damage if the connected device draws more current than the adapter can provide. * **Short Circuit Protection (SCP):** Automatically shuts off the power if a short circuit is detected.
    ✨ Follow-up Questions
    • ⤷ What is the specific output current for the W2TG0-231-R2 model?
    • ⤷ Which specific hardware brand is this power supply typically used for?
    • ⤷ Can this adapter be used internationally without a voltage converter?