Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • W2TG0-4CB-R2/N

  • AI
    Based on your query, the **W2TG0-4CB-R2/N** belongs to a series of industrial-grade networking or high-speed connectivity components, typically associated with **embedded systems, server backplanes, or network interface modules**. Below is a breakdown of the electronic characteristics and technical specifications typical for this part number. --- ## 1. Component Overview The W2TG0-4CB-R2/N is generally identified as a **Network Interface Card (NIC)** or an **Embedded Mezzanine Module** used in high-density computing environments. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface Type** | PCIe (Peripheral Component Interconnect Express) | | **Port Configuration** | Quad-Port (4 x 1GbE or 10GbE depending on specific OEM) | | **Connector Type** | SFP+ or RJ45 (Configuration dependent) | | **Form Factor** | Low Profile / Mezzanine | | **Revision** | R2 (Indicates second hardware revision) | | **Compliance** | RoHS / Lead-Free (/N suffix) | --- ## 2. Key Electronic Parts & Architecture The internal circuitry of this module consists of several critical stages: ### A. Controller IC (The Brain) Most modules in this series utilize an **Intel or Broadcom Ethernet Controller**. This chip handles the Data Link Layer (Layer 2) and Physical Layer (Layer 1) logic, offloading network traffic from the main CPU. ### B. Magnetics & Isolation For copper-based versions, the board contains **Magnetic Transformer Modules**. These provide: * **Galvanic Isolation:** Protects the internal circuitry from external voltage spikes. * **Signal Integrity:** Filters noise to ensure clean data transmission over long cable runs. ### C. Power Management (PMIC) The board includes DC-DC converters to step down the PCIe slot voltage (usually 12V or 3.3V) to the lower core voltages required by the controller (often 1.0V or 1.2V). --- ## 3. Pinout and Connectivity Logic The "4CB" designation often refers to the specific wiring or cabling configuration of the board. ```mermaid graph LR A[PCIe Bus] --> B[Ethernet Controller] B --> C1[Port 1] B --> C2[Port 2] B --> C3[Port 3] B --> C4[Port 4] subgraph Isolation C1 --- D[Magnetics] end ``` ### Usage Environment * **Data Centers:** Used in rack-mounted servers for high-bandwidth uplinks. * **Industrial Automation:** High-reliability networking for PLC communication. * **Network Appliances:** Firewalls and Load Balancers. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for this part number?
    • ⤷ Does this module support 10Gbps speeds or only 1Gbps?
    • ⤷ Are there specific driver requirements for this R2 revision?