W2TS-NB3-R2
AI

The **W2TS-NB3-R2** is a specific electronic sensor component, typically identified as a **Miniature Photoelectric Sensor** manufactured by **SICK**. It belongs to the W2 series, known for high-precision detection in ultra-compact housing.
---
## 1. Technical Specifications
The following table outlines the core electronic and operational parameters for this model:
| Parameter | Specification |
| :--- | :--- |
| **Sensor Principle** | Photoelectric Proximity Sensor (TwinEye technology) |
| **Detection Method** | Background Suppression (BGS) |
| **Sensing Range** | 1 mm to 30 mm |
| **Supply Voltage ($V_s$)** | 10 V DC ... 30 V DC |
| **Output Type** | NPN (Open Collector) |
| **Switching Mode** | Light switching |
| **Output Current ($I_{max}$)** | $\leq$ 50 mA |
| **Response Time** | < 0.5 ms |
| **Connection Type** | Cable with M8, 3-pin male connector |
---
## 2. Key Electronic Features
### A. Background Suppression (BGS)
Unlike standard proximity sensors, the W2TS-NB3-R2 uses triangulation to determine distance. This allows it to detect very small or transparent objects regardless of their color or the reflectivity of the background.
### B. Pin Configuration (M8 3-pin)
The electronic interface follows standard industrial wiring:
1. **Pin 1 (Brown):** L+ (Positive Supply, 10-30V DC)
2. **Pin 3 (Blue):** M (Ground/0V)
3. **Pin 4 (Black):** Q (Output Signal - NPN)
### C. Protection Circuitry
The device incorporates several internal protection mechanisms:
* **Reverse Polarity Protection:** Prevents damage if the power leads are swapped.
* **Overload and Short-Circuit Protection:** Protects the NPN output stage from excessive current draw.
* **Interference Suppression:** Filters out noise from nearby electronic equipment.
---
## 3. Physical & Environmental Attributes
* **Housing Material:** High-grade VISTAL™ plastic (provides high mechanical ruggedness).
* **Enclosure Rating:** IP67 / IP69K (Resistant to high-pressure washdowns).
* **Light Source:** PinPoint LED (visible red light, approx. 640 nm).
---
## 4. Typical Wiring Diagram (NPN)
```text
[ Sensor ]
+-------+
(1)--| L+ |---(+) 10-30V DC
| |
(4)--| Output|---[ Load ]---(+) 10-30V DC (Pull-up)
| |
(3)--| M |---(-) GND
+-------+
```
- ⤷
What is the difference between NPN and PNP output in the W2 series?
- ⤷ How does the 'TwinEye' technology improve detection of glossy objects?
- ⤷ Can this sensor be used for transparent material detection?