W83194BR-911
AI

# Overview of W83194BR-911
The **W83194BR-911** is a specialized Clock Generator integrated circuit (IC) manufactured by **Winbond Electronics**. It was primarily designed for use in desktop computer motherboards, specifically those utilizing the Intel Brookdale (845) chipset architectures.
---
## Technical Specifications
The following table outlines the primary electrical and functional characteristics of the W83194BR-911:
| Feature | Specification |
| :--- | :--- |
| **Type** | Clock Generator / Frequency Synthesizer |
| **Package** | 48-pin SSOP (Shrink Small Outline Package) |
| **Supply Voltage (VDD)** | 3.3V ± 5% |
| **Input Reference** | 14.318 MHz Crystal |
| **Output Frequency Range** | Up to 200 MHz (FSB support) |
| **Communication Interface** | I2C / SMBus (Serial Management Bus) |
| **Operating Temperature** | 0°C to +70°C |
---
## Key Functions and Features
The W83194BR-911 serves as the "heartbeat" of the motherboard, providing synchronized timing signals to various components.
### 1. Multi-Output Clock Distribution
This IC generates multiple clock signals simultaneously to ensure all parts of the PC communicate at the correct speed:
* **CPU Clocks:** Supports Front Side Bus (FSB) frequencies for Pentium 4 and Celeron processors.
* **PCI/AGP Clocks:** Provides fixed or synchronous signals for expansion slots (33.3 MHz for PCI, 66.6 MHz for AGP).
* **SDRAM Clocks:** Specialized outputs for system memory modules.
* **REF Clocks:** 14.318 MHz reference signals.
### 2. Frequency Programming (Overclocking)
The chip is highly popular among legacy hardware enthusiasts because it supports **Software Frequency Selection**. via the SMBus interface, users or BIOS software can adjust:
* **FSB Stepping:** Incrementing the CPU frequency in small steps.
* **Spread Spectrum:** A technique used to reduce Electromagnetic Interference (EMI) by slightly modulating the clock frequency.
### 3. Integrated PLL (Phase-Locked Loop)
The chip utilizes internal Phase-Locked Loops to multiply the low-frequency 14.318 MHz crystal input into the high-speed frequencies required by modern CPUs.
---
## Pin Configuration (Summary)
| Pin Groups | Description |
| :--- | :--- |
| **VDD / VSS** | Power and Ground pins for the digital and analog circuits. |
| **X1 / X2** | Crystal oscillator input pins. |
| **FS0 - FS2** | Frequency Select pins (Hardware straps to set default boot speed). |
| **SDATA / SCLK** | I2C interface for software configuration. |
| **CPU_CLK** | High-speed differential or single-ended clock outputs for the processor. |
---
## Common Use Cases
1. **Motherboard Manufacturing:** Primarily found on Socket 478 motherboards.
2. **Embedded Systems:** Industrial PCs requiring stable clocking for Intel 845-era chipsets.
3. **Hardware Repair:** Replacing failed clock generators that prevent a system from POSTing (Power On Self Test).
- ⤷
What are the differences between W83194BR-911 and other W83194 variants?
- ⤷ How can I program the W83194BR-911 registers via SMBus?
- ⤷ What are the common failure symptoms of a clock generator IC?