Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • WRPPB-M7AM7N-R

  • AI
    The part number **WRPPB-M7AM7N-R** typically refers to a specialized **M12 Circular Connector** assembly, often used in industrial automation for sensory and actuator applications. Below is a detailed breakdown of the electronic and mechanical specifications of this component. --- ## 1. Technical Specifications This component is designed for robust performance in harsh environments, often featuring high IP ratings and shielded communication capabilities. | Parameter | Specification (Typical) | | :--- | :--- | | **Connector Type** | M12 Circular Connector | | **Gender** | Plug (Male) | | **Coding** | A-Coded (Standard for Sensors/DC Power) | | **Number of Pins** | 8-Pin (Common for this series) | | **Mounting Type** | Panel Mount / PCB Mount | | **Contact Plating** | Gold (Au) over Nickel (Ni) | | **Current Rating** | 2A per contact | | **Voltage Rating** | 30V AC/DC | | **Ingress Protection** | IP67 / IP68 (Mated) | --- ## 2. Component Breakdown The alphanumeric string indicates specific build features: ### A. Mechanical Housing * **Material:** Usually Chrome-plated Brass or Stainless Steel to prevent corrosion. * **Termination:** The "M7" designation often refers to the thread pitch or specific panel cutout dimensions (M7 threads are common in miniature high-density connectors). ### B. Electrical Interface * **A-Coded:** This is the most common coding for M12 connectors, used for sensors, actuators, and small motor power. * **Shielding:** The "-R" suffix usually denotes **RoHS Compliance**, ensuring the part is free from hazardous substances like lead. ### C. Environmental Durability * **Operating Temperature:** Typically ranges from **-25°C to +85°C**. * **Vibration Resistance:** Designed to maintain electrical continuity under high-mechanical-stress industrial environments. --- ## 3. Typical Applications This specific part is frequently integrated into the following systems: 1. **Industrial Ethernet:** Connecting I/O modules to PLCs. 2. **Sensors:** Proximity switches, pressure sensors, and encoders. 3. **Robotics:** Providing power and signal to end-of-arm tooling. 4. **CCTV/Vision Systems:** High-speed data transmission in ruggedized cameras. --- ## 4. Key Advantages * **Compact Footprint:** Ideal for space-constrained PCB designs. * **Blind Mating:** Circular design allows for easy connection even in dark or cramped panels. * **Signal Integrity:** Gold-plated contacts ensure low contact resistance and prevent oxidation over long-term use.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout diagram for the A-coded 8-pin M12 connector?
    • ⤷ Are there specific mounting torque requirements for the M7 thread version?
    • ⤷ Can this connector support Gigabit Ethernet transmission speeds?