Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • XFHCL2010-R80M

  • AI
    The **XFHCL2010-R80M** is a high-performance, low-profile Surface Mount Device (SMD) Power Inductor. It is typically utilized in compact electronic devices where space is limited but high current efficiency is required. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications This part belongs to a family of molded power inductors, often used for DC-DC conversion. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.80 µH | The energy storage capacity. | | **Tolerance** | ±20% (M) | The allowable variance in inductance. | | **Case Size** | 2010 (Metric) | Approx. 2.0mm x 1.0mm footprint. | | **DC Resistance (DCR)** | ~30-45 mΩ | Internal resistance (typical values). | | **Saturation Current** | ~3.5A - 4.5A | The current at which inductance drops. | | **Operating Temp** | -40°C to +125°C | Thermal operating range. | --- ## 2. Part Number Breakdown Understanding the nomenclature helps in identifying the component's capabilities: * **XF:** Manufacturer prefix (XFMRS or similar). * **HCL:** Series code (usually denotes High Current, Low profile). * **2010:** Package size (2.0mm length by 1.0mm width). * **R80:** Inductance value (R = decimal point; R80 = 0.80 microhenries). * **M:** Tolerance code (M = ±20%). --- ## 3. Key Electronic Features Inductors of this type are engineered with specific materials to handle modern power requirements: 1. **Molded Construction:** The coil is encapsulated in a metal alloy powder. This provides excellent magnetic shielding, reducing Electromagnetic Interference (EMI) with nearby components. 2. **Soft Saturation:** Unlike ferrite core inductors that drop inductance sharply, this part usually exhibits "soft saturation," meaning it maintains functionality even during slight current spikes. 3. **High Frequency Stability:** Designed to operate efficiently in high-frequency switching regulators (up to several MHz). --- ## 4. Typical Applications The XFHCL2010-R80M is commonly found in: * **Mobile Devices:** Smartphones and tablets for battery management. * **Wearables:** Smartwatches where PCB real estate is extremely tight. * **IoT Modules:** Powering sensors and wireless communication chips. * **DC-DC Converters:** Point-of-load (POL) modules for voltage regulation. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for this specific inductor?
    • ⤷ How does the 'soft saturation' characteristic benefit a DC-DC converter circuit?
    • ⤷ Are there recommended PCB pad layouts for the 2010 package size?