XHS35F-100-R2-FS-EPROGAB
AI

The **XHS35F-100-R2-FS-EPROGAB** is a high-performance, heavy-duty incremental optical encoder manufactured by **BEI Sensors (Sensata Technologies)**. This specific model is designed for extreme industrial environments, typically used in motor feedback and motion control.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. Part Number Breakdown
Understanding the specific features of this model:
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Series** | XHS35 | Through-hollow shaft, 3.5-inch diameter housing |
| **Shaft Size** | F | 1-inch diameter bore |
| **Resolution** | 100 | 100 Pulses Per Revolution (PPR) |
| **Mechanical** | R2 | Heavy-duty design with specific seal and bearing arrangement |
| **Mounting** | FS | Flex Stud (Tether) mounting for anti-rotation |
| **Electronics** | EPROG | Programmable Electronic output (usually multi-voltage) |
| **Output Type** | AB | Standard A and B quadrature channels |
---
### 2. Electronic Specifications
The "EPROG" electronic package is a versatile driver capable of handling various voltage ranges and signal requirements.
* **Supply Voltage:** Usually 5 to 28 VDC.
* **Output Channels:** A and B channels (Quadrature). This allows the controller to determine both speed and direction.
* **Signal Type:** Differential (Line Driver). It utilizes complementary signals ($A, \bar{A}, B, \bar{B}$) to cancel out electromagnetic interference (EMI).
* **Frequency Response:** Typically up to 300 kHz.
* **Protection:** Includes reverse polarity protection and short-circuit protection on the output drivers.
---
### 3. Key Electronic Components
Inside the housing, the encoder contains three primary electronic subsystems:
1. **Optical Engine:** A high-precision LED light source and a photodiode array. The photodiode converts the light passing through the 100-slot disk into low-level electrical pulses.
2. **Signal Conditioning:** An ASIC (Application Specific Integrated Circuit) that converts the raw analog photodiode signals into clean, square-wave digital pulses.
3. **Output Driver:** A heavy-duty line driver (often compatible with TTL or HTL logic) that pushes the signal through long cable runs without significant degradation.
---
### 4. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Resolution** | 100 PPR |
| **Phase Phasing** | A leads B for clockwise rotation |
| **Termination** | MS-Connector (standard for XHS35 series) |
| **Housing Material** | Aluminum (Anodized) |
| **Operating Temp** | -40°C to +100°C (standard range) |
| **Enclosure Rating** | IP65 (Dirt and water splash resistant) |
---
### 5. Application Areas
Due to its rugged "R2" design and hollow-shaft mounting, this encoder is commonly found in:
* **AC Induction Motors:** For closed-loop speed control.
* **Oil & Gas Equipment:** Where vibration and physical shock are high.
* **Material Handling:** Conveyor synchronization and palletizing.
* **Paper & Steel Mills:** Where high temperatures and debris are present.
- ⤷
How do I wire the MS-connector for the AB output channels?
- ⤷ Can the PPR be reprogrammed on this 'EPROG' model
- ⤷ or is it fixed at 100?
- ⤷ What are the compatible mating cables for the XHS35F series?