Y-CONC-R402U-RJ2M-2000-B
AI

The part number **Y-CONC-R402U-RJ2M-2000-B** typically refers to a specialized industrial communication cable assembly, specifically an **Industrial Ethernet (RJ45)** cable, often used in automation and robotics.
Below is the technical breakdown of the electronic and mechanical components associated with this part.
---
### Technical Specifications Breakdown
| Component Category | Description |
|:--- |:--- |
| **Connector Type A** | RJ45 (8P8C) with Industrial IP20 or IP67 protection housing |
| **Connector Type B** | RJ45 (8P8C) or specialized circular connector (depending on OEM variant) |
| **Cable Length** | 2000mm (2 Meters) |
| **Wiring Standard** | TIA/EIA-568B or custom industrial pinout |
| **Shielding** | S/FTP or SF/UTP (Braided + Foil shielding for EMI protection) |
| **Transmission Speed** | Cat5e or Cat6 (Up to 1Gbps) |
| **Jacket Material** | PUR (Polyurethane) or PVC - usually oil and abrasion-resistant |
---
### Key Features
#### 1. Signal Integrity & Shielding
Electronic systems in industrial environments are prone to **Electromagnetic Interference (EMI)**. This cable utilizes:
* **Double Shielding:** Prevents signal cross-talk and protects data from high-voltage motor interference.
* **Twisted Pair Geometry:** Minimizes noise induction.
#### 2. Durability for Motion
The "R" and "U" designations in many industrial codes signify suitability for **Robotic (R)** or **Continuous Flex (U)** applications.
* **Flex Life:** Designed to withstand millions of bending cycles in cable tracks (drag chains).
* **Torsion Resistance:** Capable of handling twisting forces typical in 6-axis robotic arms.
#### 3. Connector Construction
The RJ2M designation often points to a **Metal-housed RJ45**.
* **Gold Plating:** The pins are usually plated with 50 micro-inches of gold to prevent oxidation and ensure low contact resistance.
* **Strain Relief:** Overmolded boots prevent the wires from pulling away from the contact pins during movement.
---
### Common Applications
* **Programmable Logic Controllers (PLCs):** Connecting CPUs to Remote I/O.
* **Vision Systems:** High-speed data transfer from industrial cameras to processing units.
* **Servo Drives:** Communication via EtherCAT, PROFINET, or Powerlink.
* **Robotic Arms:** Routing signals through the internal harness of a robot.
---
- ⤷
What are the specific environmental ratings (IP65/67) for this cable assembly?
- ⤷ Is this cable compatible with EtherCAT or PROFINET standards?
- ⤷ What is the minimum bend radius for the 2000mm version?