Y-CONC-R402U-RJ6M-2000-B
AI

## Technical Overview of Y-CONC-R402U-RJ6M-2000-B
The **Y-CONC-R402U-RJ6M-2000-B** is a specialized high-performance cable assembly typically utilized in industrial automation and high-speed data communication environments. It is part of a series often associated with high-flex applications, such as robotic arms or moving machine parts.
---
### 1. Part Number Breakdown (Estimated)
While specific internal manufacturer codes may vary, the nomenclature generally breaks down as follows:
| Component | Description |
| :--- | :--- |
| **Y-CONC** | Series identifier (likely high-flex or robotic series) |
| **R402U** | Cable specification (Type of shielding or wire gauge) |
| **RJ6M** | Connector Type (Standard RJ45, possibly Male or Industrial grade) |
| **2000** | Length (Typically 2000mm or 2.0 meters) |
| **B** | Revision code or Black jacket color |
---
### 2. Key Electronic Features
#### A. High-Flex Durability
This part is engineered for **dynamic applications**. Unlike standard Ethernet cables, the internal copper strands are much finer, allowing the cable to withstand millions of bending cycles without internal fractures or signal degradation.
#### B. Shielding and Signal Integrity
* **SF/UTP or S/FTP:** Usually features double shielding (braid + foil) to prevent Electromagnetic Interference (EMI) in noisy industrial environments (near motors/VFDs).
* **Gold-Plated Contacts:** The RJ45 connectors typically feature 50μ" gold plating to ensure low contact resistance and prevent oxidation.
#### C. Environmental Resistance
* **Jacket Material:** Often uses PUR (Polyurethane) or specialized PVC that is resistant to oils, chemicals, and abrasion.
* **Temperature Range:** Typically rated for -20°C to +80°C.
---
### 3. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Category** | Cat5e or Cat6 (High-Speed Data) |
| **Connector A** | RJ45 8P8C (Industrial Grade) |
| **Connector B** | RJ45 8P8C (Industrial Grade) |
| **Length** | 2.0 Meters |
| **Shielding** | Braided Shield + Foil |
| **Application** | Robotic drag chains, Industrial Ethernet |
---
### 4. Implementation Code Example (Diagnostic)
If you are using this cable to connect an industrial PLC to a sensor and want to monitor link stability via Python (using a basic ping test), you might use:
```python
import os
import platform
def check_cable_link(host):
# Determine the operating system parameter for ping
param = '-n' if platform.system().lower() == 'windows' else '-c'
command = f"ping {param} 1 {host}"
response = os.system(command)
if response == 0:
print(f"Connection to {host} is STABLE.")
else:
print(f"Connection to {host} FAILED - Check cable seating.")
check_cable_link("192.168.1.10")
```
- ⤷What is the maximum bend radius for this specific cable type?
- ⤷ Does this cable support Power over Ethernet (PoE)?
- ⤷ Which industrial manufacturers typically produce the Y-CONC series?