Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • Y-CONC-R422U-RJ2U-2000-B

  • AI
    Based on the part number **Y-CONC-R422U-RJ2U-2000-B**, this component is a high-performance, industrial-grade **USB 2.0 extension cable assembly** typically used in industrial automation, robotics, or medical equipment. Below is a breakdown of its technical characteristics and electronic components. --- ### 1. Part Number Breakdown The naming convention follows industrial interconnect standards, typically used by manufacturers like **Yamaichi Electronics**. | Segment | Description | | :--- | :--- | | **Y-CON** | Series name (Industrial USB/Ethernet connectivity) | | **R422U** | Specifies the USB 2.0 protocol and reinforced shielding | | **RJ2U** | Connector Type (Type A to Type B, or proprietary circular locking) | | **2000** | Cable Length (2000mm or 2 Meters) | | **B** | Revision code or Black jacket color | --- ### 2. Key Electronic Features #### A. Data Transmission (USB 2.0) * **High-Speed Support:** Rated for up to **480 Mbps**. * **Impedance Matching:** The internal twisted pairs are designed with a **90Ω differential impedance** to minimize signal reflection and data loss over the 2-meter span. #### B. Industrial Protection (The "Y-CON" Standard) Unlike standard consumer cables, this assembly includes: * **Integrated Shielding:** Double-shielded (Braided + Foil) to protect against **EMI (Electromagnetic Interference)** and **RFI (Radio Frequency Interference)** common in factory environments. * **Power Delivery:** Includes dedicated power conductors (usually 24 AWG to 28 AWG) to ensure stable 5V DC delivery with minimal voltage drop. #### C. Connector Construction * **Gold-Plated Contacts:** Typically 30µ" to 50µ" gold plating to prevent oxidation in humid or corrosive environments. * **Vibration Resistance:** The "RJ" designation often implies a locking mechanism or a ruggedized housing that prevents accidental disconnection during machine vibration. --- ### 3. Technical Specifications | Feature | Specification | | :--- | :--- | | **Protocol** | USB 2.0 (Backward compatible with 1.1) | | **Length** | 2.0 Meters | | **Jacket Material** | PUR (Polyurethane) or PVC (High-Flex versions) | | **Operating Temp** | -20°C to +80°C (Standard industrial range) | | **IP Rating** | Often IP20 (or IP67 if used with a Y-Con cover) | --- ### 4. Typical Applications * **PLC Programming:** Connecting a laptop to a Programmable Logic Controller. * **HMI Interfaces:** Linking touch panels to industrial PCs. * **Vision Systems:** Data transfer from industrial cameras to processing units. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the R422U connector?
    • ⤷ Does this specific cable support IP67 waterproof rating with an additional housing?
    • ⤷ Can this cable be used in high-flex cable track applications?