AI

The **Y-CONC-R426P-RJ6P-2000-B** is a specialized industrial cable assembly, typically used in high-precision motion control systems and factory automation. It serves as a bridge between high-density circular connectors and standard RJ45 networking interfaces.
---
### 1. Component Breakdown & Specifications
The part number follows a specific nomenclature used by manufacturers (commonly associated with Yaskawa or similar industrial automation brands).
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Connector A** | R426P (Circular) | A proprietary or industrial-grade circular plug, often with 4-6 pins. |
| **Connector B** | RJ6P (RJ45) | A 6-pin or 8-pin RJ45 style modular connector. |
| **Length** | 2000 | Indicates a cable length of **2000mm (2 Meters)**. |
| **Type** | B | Usually denotes a specific wiring revision or shielding type. |
| **Signal Type** | Digital/Data | Used for encoder feedback or communication protocols. |
---
### 2. Technical Features
#### A. Shielding and Protection
* **EMI/RFI Protection:** Because these cables operate near high-voltage motors, they are heavily shielded (Braided + Foil) to prevent electromagnetic interference from corrupting data.
* **Outer Jacket:** Typically made of PVC or PUR (Polyurethane), designed to resist oil, chemicals, and abrasion in factory environments.
#### B. Pin Configuration (Electronic Logic)
The "R426P" to "RJ6P" conversion involves mapping specific signal pairs. While the exact pinout is proprietary to the equipment, it generally follows this logic:
1. **Differential Pairs:** Data is sent via differential signaling to minimize noise.
2. **Grounding:** The circular connector shell is usually bonded to the RJ45 shield to ensure a continuous ground path.
---
### 3. Primary Applications
This cable is most commonly found in the following electronic systems:
* **Servo Drives:** Connecting an absolute encoder to a motion controller.
* **Industrial Ethernet:** Adapting rugged field sensors to a standard switch or PLC.
* **Robotics:** Providing a reliable communication link in the "Base-to-Controller" umbilical of a 6-axis robot.
---
### 4. Cross-Reference Example (Pseudo-Code)
If you were to define the signal mapping for this cable in a control system, it would look like this:
```yaml
cable_assembly:
id: Y-CONC-R426P-RJ6P-2000-B
connections:
- source: Circular_R426P
pins: [1, 2, 3, 4, 5, 6]
- destination: RJ45_6P
pins: [1, 2, 3, 6, 4, 5]
properties:
length_mm: 2000
impedance: 100_ohms
shielded: true
```
- ⤷
What is the specific pinout diagram for the R426P connector?
- ⤷ Is this cable rated for continuous flex or robotic arm movement?
- ⤷ What are the compatible servo drive models for this specific cable?