Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • Y-CONC-R602L-RJCU-2000-A

  • AI
    The **Y-CONC-R602L-RJCU-2000-A** is a specific industrial-grade cable assembly, typically associated with high-speed data transmission and harsh environment connectivity. This part is frequently used in industrial automation, robotics, and telecommunications. Below is a breakdown of the electronic and mechanical components of this assembly. ### 1. General Specifications | Feature | Specification | | :--- | :--- | | **Product Category** | Industrial RJ45 Cable Assembly | | **Connector Type** | RJ45 (Shielded) | | **Length** | 2000mm (2 Meters) | | **Cable Jacket** | PUR (Polyurethane) or PVC (High-Flex) | | **Shielding** | S/FTP or SF/UTP (Double Shielded) | | **Application** | Industrial Ethernet / EtherCAT | --- ### 2. Core Electronic Components The assembly consists of three primary electronic layers that ensure signal integrity: #### A. The RJ45 Connector (R602L Variant) The connector housing is usually constructed from high-impact plastic with a metal shell. * **Gold Plating:** The internal pins (contacts) are typically plated with 30µ" to 50µ" of gold. This prevents oxidation and ensures low contact resistance over thousands of mating cycles. * **Shielding (EMI/RFI):** The connector includes a metal shroud to provide 360-degree grounding, which protects the data stream from Electromagnetic Interference (EMI). #### B. The Differential Pair Wiring Internally, the cable uses **Twisted Pair** technology. * **Impedance Matching:** The pairs are twisted at specific ratios to maintain a characteristic impedance of **100 Ohms**. This is critical to prevent signal reflections (Return Loss). * **Cross-talk Reduction:** The "L" in the series often denotes a specific layout or shielding configuration meant to reduce Near-End Crosstalk (NEXT). #### C. Signal Performance This part is designed to meet or exceed **Category 5e or Category 6** standards, supporting: * Data rates up to **1 Gbps**. * Bandwidth up to **100MHz - 250MHz**. * Power over Ethernet (PoE) compatibility, allowing it to carry both DC power and data to sensors or cameras. --- ### 3. Mechanical & Environmental Features Because this is an industrial part (Y-CONC series), it features specialized electronic protection: 1. **Strain Relief:** The over-molded boot protects the delicate soldered or crimped connections between the wires and the pins from mechanical stress and vibration. 2. **Oil & Chemical Resistance:** The outer jacket is designed to withstand industrial lubricants without degrading, which prevents short circuits caused by moisture ingress. 3. **Flex Life:** Designed for "C-Track" or robotic arm applications where the cable undergoes constant bending. --- ### 4. Typical Pinout (T568B Standard) Most industrial Y-CONC assemblies follow the T568B wiring scheme: | Pin | Wire Color | Function | | :--- | :--- | :--- | | 1 | White/Orange | Transmit + | | 2 | Orange | Transmit - | | 3 | White/Green | Receive + | | 6 | Green | Receive - |
    ✨ Follow-up Questions
    • ⤷ What is the IP rating for this specific cable assembly?
    • ⤷ Is this cable compatible with EtherCAT communication protocols?
    • ⤷ What is the minimum bend radius for the R602L series?