Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • Y-CONC-R606P-RJ2M-2000-C

  • AI
    The **Y-CONC-R606P-RJ2M-2000-C** is a specialized industrial networking cable assembly, typically associated with the **Y-Con** series by **Yamaichi Electronics**. This series is designed for harsh industrial environments where standard RJ45 connectors would fail due to vibration, moisture, or EMI. --- ### 1. Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Connector Type A** | Y-ConPlug (Industrial RJ45) | | **Connector Type B** | Y-ConPlug (Industrial RJ45) | | **Cable Length** | 2000mm (2 Meters) | | **Cable Type** | Cat 5e / Industrial Ethernet | | **Shielding** | S/FTP or SF/UTP (Double Shielded) | | **Protection Rating** | IP20 (Plug) / IP67 (when used with Y-Con housing) | | **Wire Gauge** | 26 AWG (Typical) | --- ### 2. Breakdown of Electronic & Mechanical Parts #### A. The Y-Con RJ45 Plug Unlike a standard plastic RJ45, the plug in this assembly features: * **Integrated Power Contacts:** The Y-Con system often includes two additional integrated power contacts (separate from the 8 data pins) to provide power without needing a separate PoE (Power over Ethernet) negotiation or to provide higher current. * **Gold Plating:** High-performance gold plating on contacts to prevent oxidation in humid industrial environments. * **EMI Shielding:** A full metal jacket around the plug to ensure grounding and protection against electromagnetic interference. #### B. The Cable (R606P) The cable itself is engineered for industrial endurance: * **Jacket Material:** Usually PUR (Polyurethane) or high-flex PVC, making it resistant to oils, chemicals, and abrasion. * **Twisted Pairs:** 4 pairs (8 wires) optimized for 100/1000 Mbit/s data rates. * **Shielding:** High-density braid and foil shielding to maintain signal integrity near high-voltage motors or actuators. #### C. Locking & Housing (The "C" Designation) The suffix often refers to the assembly configuration. This cable is designed to fit into the **Y-ConIP67** covers. It features a robust strain relief that prevents the internal copper wires from snapping under constant machine vibration. --- ### 3. Key Electronic Characteristics 1. **Impedance Matching:** Maintained at $100 \Omega$ to minimize signal reflection. 2. **Current Rating:** If the additional power pins are utilized, they can typically handle up to **2.1A at 70°C**. 3. **Dielectric Withstanding Voltage:** Tested to withstand high voltage spikes, ensuring safety in industrial cabinets. 4. **Temperature Range:** Operates reliably between **-20°C to +80°C**. --- ### 4. Common Applications * **Robotics:** Connecting controllers to articulated arms. * **CNC Machinery:** Data transfer in environments with heavy electrical noise. * **Outdoor Networking:** When housed in the IP67 Y-Con shell, it is used for outdoor telecommunications.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the integrated power contacts in Y-Con connectors?
    • ⤷ Can this cable be used with standard RJ45 ports without the Y-Con housing?
    • ⤷ What are the specific chemical resistance ratings for the R606P cable jacket?