Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • Y-CONC-R626P-RJ2M-2000-A

  • AI
    The **Y-CONC-R626P-RJ2M-2000-A** is a high-performance industrial cable assembly, typically used in factory automation, robotics, and industrial networking. This specific part number refers to a **Y-Con** series product, which is a modular connector system developed by Yamaichi Electronics designed for harsh environments. --- ### Technical Specifications & Components | Component | Specification | Description | | :--- | :--- | :--- | | **Connector Type A** | Y-Con Plug (RJ45 style) | Protected RJ45 connector with integrated power contacts. | | **Connector Type B** | Y-Con Plug (RJ45 style) | Dual-ended assembly for point-to-point connection. | | **Cable Length** | 2000mm (2 Meters) | The "2000" in the part number denotes the length in millimeters. | | **Shielding** | S/FTP or SF/UTP | High-grade shielding to prevent EMI/RFI interference in noisy industrial sites. | | **IP Rating** | IP20 (Standard) | Usually upgradable to IP67/68 when used with Y-Con hoods/housings. | | **Data Rate** | Cat 5 / Cat 5e | Supports Ethernet speeds up to 100 Mbps or 1 Gbps. | --- ### Key Electronic Features #### 1. Integrated Power Contacts Unlike a standard consumer RJ45, the Y-Con system includes **additional power contacts**. This allows the cable to transmit both high-speed data and auxiliary power (up to 2.1A) without the need for a separate power cable, which is critical for driving industrial sensors or actuators. #### 2. Vibration Resistance The "R626P" series connectors feature a locking mechanism and robust housing materials designed to withstand the constant vibration of robotic arms and CNC machinery, preventing intermittent signal loss. #### 3. Material Composition * **Contacts:** Gold-plated copper alloy for maximum conductivity and corrosion resistance. * **Jacket:** Typically PUR (Polyurethane) or PVC, chosen for resistance to oils, chemicals, and abrasion. --- ### Applications * **Industrial Ethernet:** EtherCAT, PROFINET, and Modbus TCP/IP. * **Robotics:** Connecting controllers to moving parts where flex-life is required. * **Vision Systems:** Powering and transmitting data from industrial cameras. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the power contacts in this cable?
    • ⤷ Is this cable rated for high-flex or robotic torsion applications?
    • ⤷ What specific Y-Con IP67 housing is compatible with this cable assembly?