Y-CONC-R626P-RJ2U-2000-A
AI

The **Y-CONC-R626P-RJ2U-2000-A** is a specific industrial-grade Ethernet connector assembly, typically manufactured by **Yamaichi Electronics**. It is part of the Y-Con series, which is designed for harsh industrial environments where standard RJ45 connectors would fail due to vibration, moisture, or EMI.
### 1. Component Overview
This part is a **Jack/Socket** assembly designed for PCB mounting. It integrates a standard RJ45 interface with additional industrial features for power and data transmission.
| Feature | Specification |
| :--- | :--- |
| **Series** | Y-Con (Industrial RJ45) |
| **Mounting Type** | Through-hole (PCB Mount) |
| **Orientation** | Right Angle (90°) |
| **Shielding** | Fully Shielded (Metal Housing) |
| **Integrated Contacts** | 8 Data Pins + 2 Power Pins (Option dependent) |
---
### 2. Key Electronic Features
#### A. Power Integrated (Y-ConPower)
Unlike standard consumer RJ45 jacks, the Y-Con series often includes **two additional power contacts**. This allows the connector to transmit power (up to 2.1A) alongside high-speed data without interfering with the signal integrity of the Ethernet lines.
#### B. Signal Integrity & Shielding
* **EMI Protection:** The outer shell is constructed from a copper alloy with nickel plating, providing a robust Faraday cage to prevent electromagnetic interference.
* **Gold Plating:** The internal contacts typically feature 30μ" to 50μ" gold plating over nickel to ensure low contact resistance and prevent oxidation over thousands of mating cycles.
#### C. Mechanical Durability
* **Industrial Standard:** Designed to withstand high mechanical stress.
* **Vibration Resistance:** The locking mechanism is significantly more robust than a standard plastic RJ45 clip, often meeting IP20 or (when paired with the correct housing) IP67/68 standards.
---
### 3. Connection Pinout Logic
While the physical structure differs, the internal wiring follows standard Ethernet protocols:
```text
Pin 1-8: Standard Ethernet Data (Cat5e / Cat6 compatible)
Pin 9-10: Additional Power Pins (V+ / V-)
```
---
### 4. Typical Applications
* **Industrial Automation:** Connecting PLCs (Programmable Logic Controllers) to HMI panels.
* **Robotics:** High-vibration environments where data loss is critical.
* **Outdoor Networking:** When used with the Y-Con cover, it provides weatherproof connectivity.
- ⤷
Does this specific model support Cat6a speeds?
- ⤷ What are the compatible cable side connectors for this jack?
- ⤷ Can the power pins be used for PoE (Power over Ethernet) applications?