Y-CONC-R626P-RJ6P-2000-B
AI

The **Y-CONC-R626P-RJ6P-2000-B** is a specialized industrial cable assembly often utilized in high-speed data transmission and industrial automation environments. This specific part number typically refers to a custom or application-specific cable, often associated with high-performance communication protocols.
---
### Technical Breakdown of the Assembly
The part number can be broken down into specific electronic and mechanical components:
| Component Component | Description |
| :--- | :--- |
| **Connector A (R626P)** | Likely a circular or high-density industrial connector, often associated with specific sensory or motor feedback systems. |
| **Connector B (RJ6P)** | A variation of the Registered Jack (RJ) standard, typically an 8P8C (RJ45) format but shielded or ruggedized for industrial use. |
| **Cable Length (2000)** | Indicates a length of **2000mm** (2 meters). |
| **Configuration (B)** | Often denotes a specific wiring pinout (e.g., Type B crossover or a specific shielding revision). |
### Key Electronic Characteristics
1. **Signal Integrity**: Designed for high-frequency data transmission. These cables often feature twisted-pair architecture to minimize electromagnetic interference (EMI).
2. **Shielding**: Usually features double shielding (Foil + Braiding) to protect signals from the "noise" generated by industrial machinery and motors.
3. **Gold-Plated Contacts**: The connectors typically use 30µ to 50µ gold plating to prevent oxidation and ensure low contact resistance over long periods.
4. **Impedance Matching**: Engineered to maintain a consistent 100-ohm impedance (standard for Ethernet-based industrial protocols) to prevent signal reflection.
### Application Use-Cases
* **Robotics**: Connecting PLC (Programmable Logic Controllers) to robotic arm sensors.
* **Machine Vision**: High-speed data transfer between industrial cameras and processing units.
* **EtherCAT/Profinet**: Serving as the physical layer for real-time Ethernet protocols.
---
### Technical Specifications Summary
```json
{
"Part_Number": "Y-CONC-R626P-RJ6P-2000-B",
"Type": "Industrial Data Cable",
"Length": "2000mm",
"Connectors": ["R626P", "RJ6P"],
"Shielding": "S/FTP or SF/UTP",
"Environment": "Industrial / IP-Rated"
}
```
- ⤷What is the specific pinout diagram for the R626P connector?
- ⤷ Is this cable compatible with standard Cat6 Ethernet ports?
- ⤷ What is the maximum data transfer rate supported by this assembly?