Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • Y-CONC-R626P-RJ6P-2000-C

  • AI
    The **Y-CONC-R626P-RJ6P-2000-C** is a specialized industrial networking cable assembly, typically produced by manufacturers like **Yamaichi Electronics**. It is designed for high-reliability Ethernet connectivity in demanding environments. ### 1. Technical Specification Overview | Feature | Description | | :--- | :--- | | **Product Type** | Industrial RJ45 Cable Assembly | | **Connector A** | RJ45 Plug (IP20 or IP67 depending on housing) | | **Connector B** | RJ45 Plug | | **Cable Length** | 2000mm (2 Meters) | | **Shielding** | S/FTP or SF/UTP (Double Shielded) | | **Transmission** | Cat5e or Cat6 (High-speed data) | | **Series** | Y-Con (Industrial Ethernet) | --- ### 2. Electronic & Mechanical Components #### A. The Y-Con Connector System The "Y-CON" prefix refers to a specific modular system. Unlike standard office RJ45 connectors, these electronic parts include: * **Integrated Power Contacts:** Some versions of this series feature two additional power contacts (integrated into the RJ45 housing) to provide power (up to 2.1A) alongside data without needing separate PoE circuitry. * **Gold Plating:** The pins are typically plated with a high thickness of gold (approx. 30-50 micro-inches) to prevent oxidation in humid or corrosive environments. #### B. Cable Construction The **2000-C** designation indicates the physical cable properties: * **Shielding:** The "C" often denotes a high-flex or specifically shielded cable designed to mitigate EMI (Electromagnetic Interference) from nearby industrial motors or high-voltage lines. * **Outer Jacket:** Usually made of PUR (Polyurethane) or PVC, providing resistance to oils, chemicals, and abrasion. #### C. Performance Rating * **Signal Integrity:** Designed to maintain 100MHz (Cat5e) or 250MHz (Cat6) bandwidth even under mechanical stress. * **Durability:** Rated for thousands of mating cycles, significantly higher than standard commercial RJ45 connectors. --- ### 3. Common Applications Due to its rugged electronic design, this part is found in: 1. **Industrial Automation:** Connecting PLCs (Programmable Logic Controllers) to HMIs. 2. **Robotics:** Where cables are subject to constant movement or vibration. 3. **Vision Systems:** Transferring high-speed image data from industrial cameras to servers. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout configuration for the integrated power contacts in the Y-Con series?
    • ⤷ Is this specific cable assembly rated for IP67 waterproof protection?
    • ⤷ What are the compatible bulkhead jacks for the Y-CONC-R626P series?