Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • Y-CONC-R802L-RJ2U-2000-B

  • AI
    The **Y-CONC-R802L-RJ2U-2000-B** is a specific industrial-grade cable assembly, typically utilized in high-speed data transmission and industrial Ethernet applications. It is part of the Y-Con series manufactured by **Yamaichi Electronics**. --- ### 1. Component Breakdown The part number can be broken down into its functional electronic characteristics: | Code Segment | Description | Technical Specification | | :--- | :--- | :--- | | **Y-CON** | Series Name | Yamaichi's Industrial Ethernet Connector System. | | **R802L** | Connector Type | RJ45 plug with 8 contacts, specifically designed for Cat5/Cat5e. | | **RJ2U** | Cable Type | Shielded Twisted Pair (STP) / Industrial Grade. | | **2000** | Length | 2,000 mm (2 Meters). | | **B** | Version/Color | Standard black jacket or specific revision B design. | --- ### 2. Key Electronic Features * **Data Rate:** Supports up to **100 Mbit/s (Fast Ethernet)** or **1 Gbit/s (Gigabit Ethernet)** depending on the integrated system wiring, meeting Category 5e standards. * **Shielding:** Features full metal shielding around the RJ45 interface to prevent **Electromagnetic Interference (EMI)** and **Radio Frequency Interference (RFI)**, essential for noisy industrial environments. * **Contact Material:** High-quality gold-plated copper alloy contacts to ensure low contact resistance and prevent oxidation. * **Power over Ethernet (PoE):** Designed to handle integrated power supply lines (often including 2 additional power contacts in the Y-Con system) alongside data. --- ### 3. Physical & Environmental Specifications This part is engineered for durability beyond standard consumer-grade Ethernet cables: * **Ingress Protection:** When used with the corresponding Y-Con housing, it can achieve an **IP67/IP68/IP69K** rating (waterproof and dustproof). * **Mechanical Stress:** The "RJ2U" designation often implies a specific jacket material (like PUR or PVC) resistant to oils, chemicals, and mechanical abrasion. * **Operating Temperature:** Typically rated for **-40°C to +120°C**, making it suitable for factory floors and outdoor machinery. --- ### 4. Application Areas * **Industrial Automation:** Connecting PLCs (Programmable Logic Controllers) to HMIs or sensors. * **Robotics:** Used in cable tracks where flexibility and shielding are required. * **Machine Vision:** High-speed data transfer for industrial cameras.
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for the additional power contacts in the Y-Con series?
    • ⤷ Does this cable support IP67 protection without an external housing?
    • ⤷ What are the compatible mating sockets for the R802L connector?