Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • Y-CONC-R806P-RJ2M-2000-B

  • AI
    The **Y-CONC-R806P-RJ2M-2000-B** is a specialized industrial networking cable assembly, typically produced by manufacturers like **Yamaichi Electronics**. It is part of the Y-Con series, which is designed for high-reliability Ethernet connectivity in harsh industrial environments. --- ### 1. Technical Specifications Breakdown The part number follows a specific nomenclature that defines its electronic and physical characteristics: | Component | Description | | :--- | :--- | | **Series (Y-CON)** | Industrial RJ45 connector system with IP20 or IP67 ratings. | | **Connector Type (R806P)** | Typically refers to an RJ45 plug with integrated power contacts (Power over Ethernet/Data). | | **Cable Type (RJ2M)** | Specifies the cable construction (e.g., Cat5e or Cat6) and shielding. | | **Length (2000)** | Indicates the cable length in millimeters (2000mm = 2 Meters). | | **Variant (B)** | Specific revision or color coding (often Black). | --- ### 2. Key Electronic Components The assembly consists of three primary electronic layers: #### A. The RJ45 Connector (Industrial Grade) Unlike standard consumer RJ45s, this part features: * **Gold-Plated Contacts:** Ensures high conductivity and prevents corrosion over time. * **Integrated Power Contacts:** Many Y-Con connectors include two additional fully integrated power contacts (capable of up to 2.1A) alongside the 8 data pins. * **EMI Shielding:** A metal shroud to protect data signals from high-voltage interference common in factories. #### B. The Raw Cable * **Twisted Pairs:** 4 pairs (8 wires) for high-speed data transmission. * **Shielding (S/FTP or SF/UTP):** Usually includes a braided shield and foil wrap to maintain signal integrity in "noisy" electrical environments. * **Jacket Material:** Often PUR (Polyurethane) or PVC, providing resistance to oils, chemicals, and mechanical stress (flexing). #### C. Environmental Protection * **Strain Relief:** Overmolded boots prevent the internal copper wires from snapping under vibration. * **IP Rating:** Depending on the housing, these are often rated for **IP20** (standard) or **IP67/68** (water/dustproof) when paired with the correct mating socket. --- ### 3. Typical Applications This cable is primarily used in automation and control systems where standard Ethernet cables would fail: 1. **Industrial Ethernet:** Connecting PLCs (Programmable Logic Controllers) to HMIs. 2. **Robotics:** Used in cable tracks where frequent movement occurs. 3. **Machine Vision:** High-speed data transfer for industrial cameras. 4. **PoE+ Applications:** Utilizing the extra power pins for peripheral devices. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the integrated power contacts?
    • ⤷ Does this cable support Cat6a speeds for 10Gbps Ethernet?
    • ⤷ What is the minimum bend radius for the RJ2M cable type?