Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • Y-CONC-R806P-RJ2M-2000-C

  • AI
    The part number **Y-CONC-R806P-RJ2M-2000-C** refers to a high-performance industrial cable assembly, typically used in automation and motion control. This specific part is associated with **Yaskawa** systems (often for Sigma-7 or similar servo series) and is manufactured by specialized cable partners like **YAMAICHI**. --- ## Technical Specifications Breakdown The nomenclature provides specific details regarding its construction and electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Connector A** | R806P (M12 Type) | 8-pin circular connector, often IP67 rated for industrial environments. | | **Connector B** | RJ2M (RJ45) | Standard Ethernet-style plug, modified for industrial latching. | | **Length** | 2000 (2 Meters) | The physical length of the cable assembly. | | **Protocol** | Mechatrolink-III / Ethernet | Designed for high-speed deterministic communication. | | **Shielding** | Double Shielded | Protects signal integrity against EMI/RFI in factory settings. | --- ## Electronic Components & Features ### 1. The Physical Layer (Cabling) * **Twisted Pair Construction:** To minimize crosstalk between high-frequency signals. * **AWG Rating:** Typically 24 AWG or 26 AWG, optimized for data transmission rather than power delivery. * **Jacket Material:** Usually PUR (Polyurethane) or PVC, designed to be oil-resistant and flame-retardant (UL rated). ### 2. Connector Interface * **Gold-Plated Contacts:** Ensures low contact resistance and prevents oxidation over long-term use. * **M12 Integration:** The "R806P" side provides a vibration-proof connection, essential for motors or sensors mounted on moving parts. * **360° Shielding:** The metal shells of the connectors are bonded to the cable shield to ensure a continuous "Faraday cage" effect. ### 3. Application Use Case This cable is primarily used to connect a **Servo Drive** to a **Controller** or to bridge devices in a **Mechatrolink-III** network. It handles synchronized motion commands where timing errors (jitter) must be kept in the microsecond range. --- ## Comparative Wiring Standard Most cables in this series follow the industrial Ethernet wiring standard for high-speed data: ```text Pin Color (Typical) Signal 1 White/Orange TX+ 2 Orange TX- 3 White/Green RX+ 4 Blue NC 5 White/Blue NC 6 Green RX- 7 White/Brown NC 8 Brown NC ``` *Note: NC = Not Connected for standard 10/100 Mbps communication used in many industrial protocols.*
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer rate supported by this cable?
    • ⤷ Is this cable rated for high-flex or robotic 'C-track' applications?
    • ⤷ How does the R806P connector differ from a standard M12 D-coded connector?