Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • Y-CONC-R806P-RJ2U-2000-B

  • AI
    The **Y-CONC-R806P-RJ2U-2000-B** is a specialized industrial cable assembly, typically used in high-precision motion control and robotics, specifically associated with **Yaskawa** Sigma-series servo systems. --- ### ## Technical Specifications Breakdown The part number indicates a specific configuration for encoder or power feedback. Below is the breakdown of its electronic and physical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Industrial Cable Assembly (Encoder/Feedback) | | **Connector A** | RJ45 (8P8C) or specialized circular connector (depending on sub-version) | | **Connector B** | IEEE1394 (6-pin) or Open-end lead wires | | **Cable Length** | 2000mm (2.0 Meters) | | **Shielding** | Double-shielded (Braid + Foil) to prevent EMI/RFI | | **Compatibility** | Yaskawa Sigma-V / Sigma-7 Series Servos | | **Application** | Digital signal transmission for encoders | --- ### ### Key Electronic Components 1. **Conductors (Internal Wiring):** * Uses high-flex, tinned copper strands designed for continuous movement in cable carriers. * Differential pair twisting is employed to reduce crosstalk between signal lines. 2. **Shielding Mechanism:** * The "B" suffix often indicates a specific shielding or braiding density requirement. This ensures that the high-frequency pulses from the encoder are not distorted by the electromagnetic noise generated by the motor's power lines. 3. **Gold-Plated Contacts:** * The pins within the connectors are typically gold-plated (3μ" to 30μ") to ensure low contact resistance and prevent oxidation in industrial environments. --- ### ### Application and Usage This cable is primarily used to connect a **Linear Scale** or an **Encoder** to a **Serial Converter Unit** or directly to a **Servo Drive**. * **Signal Integrity:** Maintains TTL or RS-422 differential signaling over the 2-meter length. * **Durability:** The jacket is usually made of Oil-resistant PVC or PUR, making it suitable for CNC machines and robotic arms. ---
    ✨ Follow-up Questions
    • ⤷What is the pinout diagram for the RJ2U connector interface?
    • ⤷ Is this cable rated for high-flex robotic applications?
    • ⤷ What are the compatible Yaskawa servo drive models for this cable?