Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • Y-CONC-R806P-RJ6M-2000-B

  • AI
    The **Y-CONC-R806P-RJ6M-2000-B** is a specialized industrial networking cable assembly, typically associated with high-durability environments such as robotics, factory automation, and CNC machinery. This part number is characteristic of the **Yamaichi Electronics** Y-Con series. --- ### 1. Part Number Breakdown Based on standard industrial nomenclature for the Y-Con series, here is the technical breakdown of the components: | Segment | Technical Specification | Description | | :--- | :--- | :--- | | **Y-CONC** | Series Prefix | Part of the Y-Con Industrial Ethernet / RJ45 series. | | **R806P** | Connector Type A | RJ45 plug with specific IP67/68/69K protective housing. | | **RJ6M** | Connector Type B | Industrial grade RJ45 male connector. | | **2000** | Length | 2000mm (2.0 Meters). | | **B** | Revision/Color | Often indicates black cable jacket or a specific wiring revision. | --- ### 2. Key Electronic & Mechanical Features #### A. Data Transmission * **Standard:** Category 5e (Cat5e) or Category 6 (Cat6) compliance depending on the internal wire gauge. * **Shielding:** S/FTP or F/UTP (Screened/Foiled) to prevent Electromagnetic Interference (EMI) in high-voltage industrial environments. #### B. Environmental Protection * **IP Rating:** When mated with a compatible Y-Con flange, it typically offers **IP67 or IP68** protection (dust-tight and waterproof). * **Vibration Resistance:** Designed with integrated locking mechanisms to prevent signal loss during high-vibration robotic movements. #### C. Integrated Power (Optional Feature) The Y-Con system is unique because it often includes **additional power contacts** (2 extra pins) alongside the standard RJ45 pins to allow for power delivery without utilizing PoE (Power over Ethernet) circuitry. --- ### 3. Typical Technical Specifications | Parameter | Value | | :--- | :--- | | **Operating Temperature** | -20°C to +80°C | | **Voltage Rating** | 50V AC / 60V DC | | **Current Rating** | 2.1A (at 70°C for power contacts) | | **Jacket Material** | PUR (Polyurethane) or PVC (High-Flex versions available) | | **Durability** | > 1,000 Mating cycles | --- ### 4. Common Applications * **Robotic Arms:** High-flex requirements for constant movement. * **Vision Systems:** Connecting industrial cameras to controllers. * **Heavy Machinery:** Interfaces for CNC machines where oil, coolant, and debris are present.
    ✨ Follow-up Questions
    • ⤷ Does this specific part number require a matching Y-Con flange for IP67 protection?
    • ⤷ What are the pinout differences between the standard RJ45 and the Y-Con 8+2 configuration?
    • ⤷ Is this cable rated for high-flex 'drag chain' applications?