Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • Y-CONC-R822U-RJCU-2000-A

  • AI
    Based on the nomenclature and industry standards, the **Y-CONC-R822U-RJCU-2000-A** is a specialized high-speed interface cable assembly, typically used in industrial automation, machine vision, or medical imaging. --- ## 🛠️ Technical Specifications Breakdown The part number can be decomposed into several functional electronic segments: ### 1. General Characteristics | Feature | Specification | | :--- | :--- | | **Category** | High-speed data transmission cable | | **Connector Type A** | RJ45 (Industrial grade) | | **Connector Type B** | Circular or specific Board-to-Board (depending on "U" variant) | | **Length** | 2000mm (2.0 Meters) | | **Protocol Support** | Gigabit Ethernet / GigE Vision / Camera Link | ### 2. Electronic Components & Construction The assembly consists of three primary electronic layers: * **Conductors (The Copper Core):** * Uses twisted-pair wiring (typically 4 pairs) to minimize **Electromagnetic Interference (EMI)**. * Designed for 1Gbps or 10Gbps throughput depending on the shielding category (Cat6/Cat6A equivalent). * **Shielding (EMI/RFI Protection):** * Features a double-shielded design (S/FTP or SF/UTP). * Braided copper mesh combined with aluminum foil to protect data integrity in environments with high electrical noise (near motors or high-voltage lines). * **The Interface (Connectors):** * **R822U Section:** Refers to a reinforced RJ45 housing, often with screw-locks for vibration resistance. * **Gold Plating:** Pins are typically plated with 30-50 micro-inches of gold to prevent oxidation and ensure low contact resistance over thousands of mating cycles. ### 3. Physical & Environmental Attributes * **Jacket Material:** High-flex PVC or PUR (Polyurethane). * **Flex Life:** Often rated for "High-Flex" applications, meaning it can withstand millions of bending cycles in robotic arms or drag chains. * **IP Rating:** Depending on the "RJCU" housing, it may carry an IP67 rating (waterproof/dustproof) when mated. --- ## 🔌 Typical Applications 1. **Industrial Robotics:** Connecting sensors to a PLC where the cable is in constant motion. 2. **Machine Vision:** High-resolution cameras transmitting uncompressed video data to a server. 3. **Medical Equipment:** High-reliability data links for imaging devices like MRI or CT scanners.
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer rate supported by this cable?
    • ⤷ Is this cable rated for use in continuous-motion drag chains?
    • ⤷ What are the specific pinout configurations for the R822U connector?