ZWS150BAF-12/CO2
AI

The **ZWS150BAF-12/CO2** is a specific variant of the ZWS-BAF series manufactured by TDK-Lambda. It is a 150W, high-reliability, open-frame AC-DC power supply designed primarily for industrial applications.
Below is a detailed breakdown of its electronic characteristics and specific component configurations.
---
### 1. General Specifications
The primary function of this part is to convert high-voltage AC input into a stabilized 12V DC output.
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 12V DC |
| **Output Current** | 12.5A |
| **Max Power** | 150W |
| **Input Voltage Range** | 85 - 265 VAC (Universal Input) |
| **Efficiency** | ~88% at 200VAC |
| **Cooling** | Convection Cooled |
---
### 2. Suffix Meaning: "/CO2"
The suffix in the part number indicates a specific factory modification regarding the protection of internal components:
* **CO2:** This stands for **Conformal Coating** on both sides of the Printed Circuit Board (PCB).
* **Purpose:** The coating (usually an acrylic or silicone-based resin) protects the electronic parts from dust, moisture, and chemical contaminants. It prevents short circuits caused by environmental humidity or conductive particles.
---
### 3. Key Electronic Subsystems
The ZWS150BAF architecture consists of several critical electronic stages:
#### A. Input & Protection Stage
* **Active PFC (Power Factor Correction):** Includes an integrated circuit and a boost inductor to ensure the power factor is >0.9, meeting harmonic current standards (IEC61000-3-2).
* **EMI Filter:** A network of X/Y capacitors and common-mode chokes to suppress electromagnetic interference.
* **Inrush Current Limiter:** Uses a thermistor or relay circuit to prevent a massive current spike when the unit is first plugged in.
#### B. Conversion Stage
* **Switching MOSFETs:** High-speed transistors that chop the DC voltage into high-frequency pulses.
* **Main Transformer:** Provides galvanic isolation between the AC line and the DC output while stepping down the voltage.
#### C. Secondary Stage (Rectification & Filtering)
* **Schottky Diodes/Synchronous Rectifiers:** These convert the high-frequency AC from the transformer back into DC.
* **Low ESR Electrolytic Capacitors:** These smooth the output ripples. In the BAF series, these are typically high-grade capacitors rated for long life (up to 10 years depending on load).
---
### 4. Safety and Control Features
The internal circuitry includes several protection ICs to monitor the state of the electronic parts:
1. **Over Current Protection (OCP):** Automatically limits output if the current exceeds ~105% of its rating.
2. **Over Voltage Protection (OVP):** Shuts down the unit if the output voltage spikes (usually trips around 13.8V - 16.8V).
3. **Thermal Protection:** Internal sensors monitor heat sink temperatures to prevent component failure due to overheating.
---
- ⤷What is the difference between the standard ZWS150BAF and the /CO2 version regarding warranty?
- ⤷ Can this power supply be used in high-vibration environments?
- ⤷ What is the typical MTBF (Mean Time Between Failures) for this electronic part?