ZWS300BAF-15/CO2
AI

The **TDK-Lambda ZWS300BAF-15/CO2** is a professional-grade, high-reliability AC-DC single-output power supply. It is part of the ZWS-BAF series, designed for industrial automation, testing equipment, and telecommunications.
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. Model Nomenclature Breakdown
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **ZWS** | Series Name | Single output AC-DC PCB type power supply |
| **300** | Power Rating | 300 Watts output capacity |
| **BAF** | Feature Set | High efficiency, active PFC (Power Factor Correction) |
| **15** | Output Voltage | 15V DC nominal output |
| **CO2** | Option Code | **C**oating on both sides of the PCB (Protects against humidity/dust) |
---
### 2. Key Electrical Specifications
The electronic architecture is designed for high efficiency and stability under varying loads.
* **Input Voltage Range:** 85 - 265VAC (Universal Input) or 120 - 370VDC.
* **Efficiency:** Typically **88% - 91%** (reduces heat dissipation).
* **Output Current:** Up to **22A** (at 15V).
* **PFC (Power Factor Correction):** Active PFC compliant with IEC61000-3-2, ensuring low harmonic distortion.
* **Cooling:** Convection cooled (no fans required) up to 200W, or forced air cooling for full 300W performance.
---
### 3. Core Electronic Components & Features
The internal circuitry utilizes high-quality industrial components to ensure a long service life (MTBF).
#### A. Input Protection & Filtering
* **EMI Filter:** Integrated circuits to minimize conducted and radiated noise.
* **Inrush Current Limiting:** Thermistors or power resistors protect the bridge rectifier from high current spikes at startup.
* **Fuse Protection:** Internal AC line fuse for catastrophic failure protection.
#### B. Power Conversion Stage
* **Main Transformer:** High-frequency ferrite core transformer for isolation and voltage step-down.
* **MOSFETs:** High-speed switching transistors used in the PFC and DC-DC conversion stages.
* **Secondary Rectification:** High-efficiency Schottky barrier diodes or synchronous rectification to minimize conduction losses.
#### C. Control & Monitoring
* **Overcurrent Protection (OCP):** Constant current limiting with automatic recovery.
* **Overvoltage Protection (OVP):** Inverter shut down if the output exceeds approximately 115-135% of nominal voltage.
* **Thermal Protection:** Internal sensors to prevent damage from overheating.
---
### 4. Environmental & Physical Attributes
| Feature | Description |
| :--- | :--- |
| **Conformal Coating (/CO2)** | The PCB is coated with a protective film to prevent corrosion from humidity and airborne contaminants. |
| **Form Factor** | Open frame PCB (Dimensions: approx. 84 x 45 x 180 mm). |
| **Operating Temp** | -10°C to +70°C (with derating above 50°C). |
---
- ⤷
What are the specific derating curves for the ZWS300BAF-15 when used with convection cooling?
- ⤷ Does the CO2 coating provide protection against salt spray environments?
- ⤷ What is the recommended connector type for the input and output terminals?