Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSAYC-12S Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PSAYC-12S Datasheet

  • # Example questions: ➢ What is the recommended fuse type and rating for the psayc series power supply, as specified in the application notes?
    ➢ What are the voltage ratings for the tvs diodes required for different output voltages (3v, 5v, 12v, 24v, 48v)?
    ➢ What certifications does wall industries, inc. hold, demonstrating their commitment to quality?

  • Part No.PSAYC-12S
    ManufacturerWALL
    Size340 Kbytes
    Pages6 pages
    Description2 Watt AC/DC PCB Mount Power Supplies
    Datasheet Summary with AI

    # PSAYC SERIES 2 Watt AC/DC Switching Power Supplies

    ## Features
    · RoHS Compliant
    · Isolation Class II
    · 2 Watts Output Power
    · Low Ripple and Noise
    · Single Outputs
    · UL/cUL, CE, CB Safety Approvals
    · PCB Mountable
    · Fully Encapsulated Plastic Case
    · -40°C to +80°C Operating Temperature Range
    · < 0.3W No Load Power Consumption
    · Universal Input Range: 90-305VAC (120-430VDC)
    · Short Circuit, Over Power, and Over Voltage Protection

    ## Specifications
    · Size: 1.33 x 0.87 x 0.67 inches (33.7 x 22.2 x 17.0 mm)
    · Weight: 0.71 oz (20.1 g)
    · Input Voltage: 90-305 VAC / 120-430 VDC
    · Input Frequency: 47-63 Hz

    ## Model Selection Table
    Model Number Output Voltage Output Current Max Capacitive Load Efficiency
    PSAYC-3.3S 3.3 VDC 600mA 7,000μF 66%
    PSAYC-5S 5 VDC 400mA 4,000μF 70%
    PSAYC-9S 9 VDC 222mA 1200µF 73%
    PSAYC-12S 12 VDC 167mA 500μF 73%
    PSAYC-15S 15 VDC 133mA 350μF 73%
    PSAYC-24S 24 VDC 83mA 110μF 75%

    ## Safety & EMC
    · Safety Approvals: UL/cUL, CE, CB
    · EMI: EN 55022 Class B
    · EMS: EN 55024

    ## Application Notes
    · AC Input: Retain correct L, N, and FG connections. Ground (FG) should be thick and short.
    · Series Operation: Use reverse biased diodes for protection.
    · Parallel Operation: Recommended only with specifically designed converters.
    · Ripple & Noise Reduction: Use LC filter or capacitor.

    ## Company Information
    · Wall Industries, Inc. offers custom and modified power solutions.
    · ISO9001-2008 certified.
    · Contact info: Phone, Toll Free, Fax, Email, Website, Address provided.

    # PSAYC SERIES 2 Watt AC/DC Switching Power Supplies

    ## Features
    · RoHS Compliant
    · Isolation Class II
    · 2 Watts Output Power
    · Low Ripple and Noise
    · Single Outputs
    · UL/cUL, CE, CB Safety Approvals
    · PCB Mountable
    · Fully Encapsulated Plastic Case
    · -40°C to +80°C Operating Temperature Range
    · < 0.3W No Load Power Consumption
    · Universal Input Range: 90-305VAC (120-430VDC)
    · Short Circuit, Over Power, and Over Voltage Protection

    ## Specifications
    · Size: 1.33 x 0.87 x 0.67 inches (33.7 x 22.2 x 17.0 mm)
    · Weight: 0.71 oz (20.1 g)
    · Input Voltage: 90-305 VAC / 120-430 VDC
    · Input Frequency: 47-63 Hz

    ## Model Selection Table
    Model Number Output Voltage Output Current Max Capacitive Load Efficiency
    PSAYC-3.3S 3.3 VDC 600mA 7,000μF 66%
    PSAYC-5S 5 VDC 400mA 4,000μF 70%
    PSAYC-9S 9 VDC 222mA 1200µF 73%
    PSAYC-12S 12 VDC 167mA 500μF 73%
    PSAYC-15S 15 VDC 133mA 350μF 73%
    PSAYC-24S 24 VDC 83mA 110μF 75%

    ## Safety & EMC
    · Safety Approvals: UL/cUL, CE, CB
    · EMI: EN 55022 Class B
    · EMS: EN 55024

    ## Application Notes
    · AC Input: Retain correct L, N, and FG connections. Ground (FG) should be thick and short.
    · Series Operation: Use reverse biased diodes for protection.
    · Parallel Operation: Recommended only with specifically designed converters.
    · Ripple & Noise Reduction: Use LC filter or capacitor.

    ## Company Information
    · Wall Industries, Inc. offers custom and modified power solutions.
    · ISO9001-2008 certified.
    · Contact info: Phone, Toll Free, Fax, Email, Website, Address provided.

    Part No.PSAYC-12S
    ManufacturerWALL
    Size340 Kbytes
    Pages6 pages
    Description2 Watt AC/DC PCB Mount Power Supplies
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com