Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSAYC-12S Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # PSAYC-12S
Description  2 Watt AC/DC PCB Mount Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAYC-12S Datasheet(HTML) 5 Page - Wall Industries,Inc.

  PSAYC-12S Datasheet HTML 1Page - Wall Industries,Inc. PSAYC-12S Datasheet HTML 2Page - Wall Industries,Inc. PSAYC-12S Datasheet HTML 3Page - Wall Industries,Inc. PSAYC-12S Datasheet HTML 4Page - Wall Industries,Inc. PSAYC-12S Datasheet HTML 5Page - Wall Industries,Inc. PSAYC-12S Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev D
PSAYC SERIES
2 Watt
AC/DC Switching Power Supplies
08/25/2015
Wall Industries, Inc. • 37 Industrial Dr., Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 6
Reduce the Output Ripple and Noise:
Using a LC filer or a capacitor reduces the output ripple and noise (Figure 3.1)
Class II Suggested Circuit for General Application Circuitry Connection:
Item
Location
Description
1
F1
AYC
Slow blow Fuse 3.15A/300V
2
RV1
Vin(Max)=264
14S471K or 20S471K
Vin(Max)=305
14S561K or 20S561K
3
RV2
Vin(Max)=264
14S471K or 20S471K
Vin(Max)=305
14S561K or 20S561K
4
RV3
Vin(Max)=264
14S471K or 20S471K
Vin(Max)=305
14S561K or 20S561K
5
C1
X Capacitor
0.1uF~0.68uF 300V X1
6
L1
10~50mH
7
D1
TVS (Vout=3.3V)
SMBJ5.0A or 600W↑ (Peak)
TVS (Vout=5V)
SMBJ7.0A or 600W↑ (Peak)
TVS (Vout=9V)
SMBJ12A or 600W↑ (Peak)
TVS (Vout=12V)
SMBJ20A or 600W↑ (Peak)
TVS (Vout=15V)
SMBJ20A or 600W↑ (Peak)
TVS (Vout=24V)
SMBJ30A or 600W↑ (Peak)
TVS (Vout=48V)
SMBJ64A or 600W↑ (Peak)
8
CY1
Y Capacitor
220pF~4700pF 250V Y2
9
CY2
Y Capacitor
220pF~4700pF 250V Y2
10
RT1
ɸ8~ɸ20 10R
11
L2
3.3uH~100uH
12
L3
3.3uH~100uH
13
C2
Aluminum
47uF or 47uF↑
14
C3
Solid Capacitor
0.1uF
15
SA1
Surge Absorber (Vout=5VDC
3KV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com