Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSX-750F Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CSX-750F Datasheet

  • # Example questions: ➢ What is the maximum allowable frequency stability for the csx-750fn model when operating within a temperature range of -40℃ to +85℃?
    ➢ What are the external dimensions (length x width x height) of these crystal clock oscillators?
    ➢ What are the minimum and maximum supply voltage limits for the csx-750fm model?

  • Part No.CSX-750F
    ManufacturerCITIZEN
    Size507 Kbytes
    Pages2 pages
    DescriptionCRYSTAL CLOCK OSCILLATORS
    Datasheet Summary with AI

    # CSX-750F Crystal Clock Oscillators

    ## Features

    ️· Low current consumption
    ️· Frequency range: 1.0 ~ 39.9 MHz
    ️· Dimensions: 7.2 x 5.2 x 1.6 mm
    ️· Applications: Consumer products
    ️· RoHS compliant, available in 1,000pcs/reel

    ## Pin Assignment

    Terminal Connection
    #1 OE or Stand By
    #2 GND
    #3 OUTPUT
    #4 Vdd

    ## Standard Specifications

    ️· Frequency Range: 1.8432 MHz ~ 39.999 MHz
    ️· Supply Voltage:
    - Vdd: 1.8V ± 0.2V
    - Vdd: 2.5V ± 0.2V
    - Vdd: 2.8V ± 0.2V
    ️· Frequency Stability:
    - B: ±50ppm (-20℃ ~ +70℃)
    - C: ±100ppm (-20℃ ~ +70℃)
    - E: ±50ppm (-40℃ ~ +85℃)
    - F: ±100ppm (-40℃ ~ +85℃)
    ️· Operating Temperature Range:
    - -20℃ ~ +70℃ / (-40℃ ~ +85℃)
    ️· Storage Temperature Range: -55℃ ~ +125℃
    ️· Current Consumption:
    - 2.5mA Max.
    - 3.0mA Max.
    - 3.2mA Max.
    ️· Input Voltage: 0.8Vdd Min. / 0.2Vdd Max.
    ️· Output Voltage: 0.9Vdd Min. / 0.1Vdd Max.
    ️· Rise and Fall Time: 8 nsec Max.
    ️· Standby Current: 10μA Max.
    ️· Duty: 45 ~ 55%
    ️· Disable current: -

    ## Part Numbering

    ️· CSX-750F M B 20000000 T - □□□

    ## Part Marking & Packing

    ️· CTZ: Manufacture's ID Code
    ️· \*\*\*: Model
    ️· f: Frequency
    ️· #: Production Lot No.
    ️· Conforms to JIS C 0806 standards.

    # CSX-750F Crystal Clock Oscillators

    ## Features

    ️· Low current consumption
    ️· Frequency range: 1.0 ~ 39.9 MHz
    ️· Dimensions: 7.2 x 5.2 x 1.6 mm
    ️· Applications: Consumer products
    ️· RoHS compliant, available in 1,000pcs/reel

    ## Pin Assignment

    Terminal Connection
    #1 OE or Stand By
    #2 GND
    #3 OUTPUT
    #4 Vdd

    ## Standard Specifications

    ️· Frequency Range: 1.8432 MHz ~ 39.999 MHz
    ️· Supply Voltage:
    - Vdd: 1.8V ± 0.2V
    - Vdd: 2.5V ± 0.2V
    - Vdd: 2.8V ± 0.2V
    ️· Frequency Stability:
    - B: ±50ppm (-20℃ ~ +70℃)
    - C: ±100ppm (-20℃ ~ +70℃)
    - E: ±50ppm (-40℃ ~ +85℃)
    - F: ±100ppm (-40℃ ~ +85℃)
    ️· Operating Temperature Range:
    - -20℃ ~ +70℃ / (-40℃ ~ +85℃)
    ️· Storage Temperature Range: -55℃ ~ +125℃
    ️· Current Consumption:
    - 2.5mA Max.
    - 3.0mA Max.
    - 3.2mA Max.
    ️· Input Voltage: 0.8Vdd Min. / 0.2Vdd Max.
    ️· Output Voltage: 0.9Vdd Min. / 0.1Vdd Max.
    ️· Rise and Fall Time: 8 nsec Max.
    ️· Standby Current: 10μA Max.
    ️· Duty: 45 ~ 55%
    ️· Disable current: -

    ## Part Numbering

    ️· CSX-750F M B 20000000 T - □□□

    ## Part Marking & Packing

    ️· CTZ: Manufacture's ID Code
    ️· \*\*\*: Model
    ️· f: Frequency
    ️· #: Production Lot No.
    ️· Conforms to JIS C 0806 standards.

    Part No.CSX-750F
    ManufacturerCITIZEN
    Size507 Kbytes
    Pages2 pages
    DescriptionCRYSTAL CLOCK OSCILLATORS
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com