Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSX-750F Datasheet(PDF) 2 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CSX-750F
Description  CRYSTAL CLOCK OSCILLATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CSX-750F Datasheet(HTML) 2 Page - CITIZEN ELECTRONICS CO., LTD.

  CSX-750F Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CSX-750F Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev.1
PART NUMBERING SYSTEM
CSX-750F
M
B
20000000
T
-
□□□
CSX-750F
M
B
20000000
T
-
□□□
CSX-750F
M
B
20000000
T
-
□□□
CSX-750F
M
B
20000000
T
-
□□□
Model
Model
Model
Model
Frequency
Frequency
Frequency
Frequency
Package
specification
Package
specification
Package
specification
Package
specification
CITIZEN
CITIZEN
CITIZEN
CITIZEN
management
code
management
code
management
code
management
code
Please
specify
the
model
by
referring
to
STANDARD
SPECIFICATIONS.
B
B
B
B
±50ppm
(-20℃
+70℃)
Frequency
Stability
Frequency
Stability
Frequency
Stability
Frequency
Stability
Operating
Temp.
Range
Operating
Temp.
Range
Operating
Temp.
Range
Operating
Temp.
Range
F
F
F
F
±100ppm
(-40℃
+85℃)
Part Marking [standard]
Reflow profile
CTZ
:
Manufacture's
ID
Code
***
:
Model
Please
specify
the
frequency
in
Hz.
T
T
T
T
Only Tape & Reel
Ref.
Code
for
internal
use.
C
C
C
C
±100ppm
(-20℃
+70℃)
E
E
E
E
±50ppm
(-40℃
+85℃)
*Please
contact
us
for
specifications
available.
j
k
f
:
Frequency
#
:
Production
Lot
No.
Packing
Q'ty/reel
a
b
c
d
(φ)
Conforming
to
JIS
C
0806
TB1208NEIAJ
and
RC-1009B
TE1208N
Conforming
to
JIS
C
0806
R12R
and
EIAJ
RC-1009B
R15
62
1.9
 5°
5.4
 5°
16.0
180
l
m
(φ)
n
(φ)
1,000
16.0
7.5
8.0
1.5
7.4
0.3
e
f
g
h
CTZ
CTZ
CTZ
CTZ
***
***
***
***
ff.ffff
ff.ffff
ff.ffff
ff.ffff
######
######
######
######
http://cfd.citizen.co.jp/english/prod-tech/product/cvo_top.html



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com