Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSS5XSMAB01X Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DSS5XSMAB01X Datasheet

  • # Example questions: ➢ How is this connector part marked, according to the provided notes?
    ➢ What materials are used for the metal shells of this connector, and what is the minimum plating thickness?
    ➢ What cable gauge is accepted by the solder cup of this d-sub female connector?

  • Part No.DSS5XSMAB01X
    ManufacturerCONEC
    Size1Mb
    Pages1 page
    DescriptionD-SUB FEMALE 50pos. SOLDER CUP with frame and float mount
    Datasheet Summary with AI

    # DSS5XSM D-SUB FEMALE CONNECTOR

    ## General Information
    · Part Number: DSS5XSM oB01X
    · Drawing Number: 16K1A2837
    · Revision: A
    · RoHS Compliant (Directive 2002/95/EC)
    · Marked with: DSS5XSM oB01X CONEC ABC (see Note 3)

    ## Features
    · 50 Position Solder Cup
    · Frame and Float Mount
    · D-SUB Female Connector

    ## Materials and Plating
    · Metalshells: Steel, min. 315µin Tin over 40-80µin Nickel
    · Insulators: PBT GF UL 94 V-0, Black
    · Contacts: Copper Alloy, Plating Options:
    - A: Gold Flash over Nickel
    - B: 20µin Hard Gold over min. 50µin Nickel

    - C: 30µin Hard Gold over min. 50µin Nickel
    · Frame: Steel, Nickel Plated
    · Float Mounts: Copper Alloy, Nickel Plated
    · Riveted Inserts: Copper Alloy, min. 200µin Tin over 80µin Nickel
    · Collars: Copper Alloy, min. 200µin Tin over 80µin Nickel

    ## Dimensions (mm)
    · See detailed dimensions included in the drawing (16K1A2837)
    · Solder cup accepts cable AWG 20.
    · Radius Movement: 0.8-0.95mm

    ## Revision History
    · Drawing by: Lehmenkühler (16.06.11), Fischer (17.06.11)
    · Original design: b Ä5047 (14.01.2014)

    # DSS5XSM D-SUB FEMALE CONNECTOR

    ## General Information
    · Part Number: DSS5XSM oB01X
    · Drawing Number: 16K1A2837
    · Revision: A
    · RoHS Compliant (Directive 2002/95/EC)
    · Marked with: DSS5XSM oB01X CONEC ABC (see Note 3)

    ## Features
    · 50 Position Solder Cup
    · Frame and Float Mount
    · D-SUB Female Connector

    ## Materials and Plating
    · Metalshells: Steel, min. 315µin Tin over 40-80µin Nickel
    · Insulators: PBT GF UL 94 V-0, Black
    · Contacts: Copper Alloy, Plating Options:
    - A: Gold Flash over Nickel
    - B: 20µin Hard Gold over min. 50µin Nickel
    - C: 30µin Hard Gold over min. 50µin Nickel
    · Frame: Steel, Nickel Plated
    · Float Mounts: Copper Alloy, Nickel Plated
    · Riveted Inserts: Copper Alloy, min. 200µin Tin over 80µin Nickel
    · Collars: Copper Alloy, min. 200µin Tin over 80µin Nickel

    ## Dimensions (mm)
    · See detailed dimensions included in the drawing (16K1A2837)
    · Solder cup accepts cable AWG 20.
    · Radius Movement: 0.8-0.95mm

    ## Revision History
    · Drawing by: Lehmenkühler (16.06.11), Fischer (17.06.11)
    · Original design: b Ä5047 (14.01.2014)

    Part No.DSS5XSMAB01X
    ManufacturerCONEC
    Size1Mb
    Pages1 page
    DescriptionD-SUB FEMALE 50pos. SOLDER CUP with frame and float mount